Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN54012UCX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN54012UCX
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54012UCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN54012UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54012UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2011
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
FAN54010 / FAN54011 / FAN54012 / FAN54013 /
FAN54014 / FAN54015
USB-Compliant Single-Cell Li-Ion Switching Charger with
USB-OTG Boost Regulator
Features
Fully Integrated, High-Efficiency Charger for Single-Cell
Li-Ion and Li-Polymer Battery Packs
Faster Charging than Linear
Charge Voltage Accuracy:
0.5% at 25°C
1% from 0 to 125°C
5% Input Current Regulation Accuracy
5% Charge Current Regulation Accuracy
20V Absolute Maximum Input Voltage
6V Maximum Input Operating Voltage
1.45A Maximum Charge Rate
Programmable through High-Speed I2C Interface
(3.4Mb/s) with Fast Mode Plus Compatibility
Input Current
Fast-Charge / Termination Current
Charger Voltage
Termination Enable
3MHz Synchronous Buck PWM Controller with Wide
Duty Cycle Range
Small Footprint 1H External Inductor
Safety Timer with Reset Control
1.8V Regulated Output from VBUS for Auxiliary Circuits
Weak Input Sources Accommodated by Reducing
Charging Current to Maintain Minimum VBUS Voltage
Low Reverse Leakage to Prevent Battery Drain to VBUS
5V, 500mA Boost Mode for USB OTG for 3.0 to 4.5V
Battery Input
Applications
Cell Phones, Smart Phones, PDAs
Tablet, Portable Media Players
Gaming Device, Digital Cameras
Description
The FAN54010 family (FAN5401X) combines a highly
integrated switch-mode charger, to minimize single-cell Lithium-
ion (Li-ion) charging time from a USB power source, and a
boost regulator to power a USB peripheral from the battery.
The charging parameters and operating modes are
programmable through an I
2C Interface that operates up to
3.4Mbps. The charger and boost regulator circuits switch at
3MHz to minimize the size of external passive components.
The FAN5401X provides battery charging in three phases:
conditioning, constant current, and constant voltage.
To ensure USB compliance and minimize charging time, the
input current is limited to the value set through the I
2C host.
Charge termination is determined by a programmable
minimum current level. A safety timer with reset control
provides a safety backup for the I
2C host.
The integrated circuit (IC) automatically restarts the charge
cycle when the battery falls below an internal threshold. If the
input source is removed, the IC enters a high-impedance
mode with leakage from the battery to the input prevented.
Charge status is reported back to the host through the I
2C
port. Charge current is reduced when the die temperature
reaches 120°C.
The FAN5401X can operate as a boost regulator on
command from the system. The boost regulator includes a
soft-start that limits inrush current from the battery.
The FAN5401X is available in a 1.96 x 1.87mm, 20-bump,
0.4mm pitch WLCSP package.
Figure 1. Typical Application
All trademarks are the property of their respective owners.


Similar Part No. - FAN54012UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54012UCX FAIRCHILD-FAN54012UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54012UCX(1) FAIRCHILD-FAN54012UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN54012UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com