Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM320AC39IDWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM320AC39IDWR
Description  VOICE-BAND AUDIO PROCESSORS (VBAPE)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC39IDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM320AC39IDWR Datasheet HTML 2Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 3Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 4Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 5Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 6Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 7Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 8Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 9Page - Texas Instruments TCM320AC39IDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TCM320AC38, TCM320AC39
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS004B – JUNE 1992 – REVISED JUNE 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted)
supply current, fDCLKR or fDCLKX = 2.6 MHz, outputs not loaded, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Operating
PDN is high with CLK signal present
9.9
Power down
PDN is low for 500
µs
0.85
ICC
Supply current from VCC
Standby – both
PDN is high with FSX and FSR held low
2
mA
Standby – one
PDN is high with either FSX or FSR pulsing with the
other held low
6
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
DOUT
IOH = – 3.2 mA, VCC = 5 V
2.4
4.6
V
VOL
Low-level output voltage
DOUT
IOL = 3.2 mA,
VCC = 5 V
0.2
0.4
V
IIH
High-level input current, any digital input
VI = 2.2 V to VCC
10
µA
IIL
Low-level input current, any digital input
VI = 0 to 0.8 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
microphone interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIO
Input offset voltage at MICIN
VI = 0 to 5 V
±5
mV
IIB
Input bias current at MICIN
±200
nA
B1
Unity-gain bandwidth, open loop at MICIN
1
MHz
Ci
Input capacitance at MICIN
5
pF
AV
Large-signal voltage amplification at MICGS
10 000
V/ V
IOmax
Maximum output current
VMID
1
µA
IOmax
Maximum output current
MICBIAS (source only)
1
mA
† All typical values are at VCC = 5 V, TA = 25°C.
speaker interface
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VO(PP)
AC output voltage
3
Vpp
VOO
Output offset voltage at EARA, EARB (single-ended)
Relative to GND
80
mVpk
II(lkg)
Input leakage current at EARGS
VI = 0.5 V to (VCC – 0.5) V
±200
nA
IOmax
Maximum output current
RL = 600 Ω
±5
mA
ro
Output resistance at EARA, EARB
1
Gain change
EARMUTE low,
max level when muted
–80
dB
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - TCM320AC39IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDW TI-TCM320AC36CDW Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CDWR TI-TCM320AC36CDWR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CN TI-TCM320AC36CN Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC36CNR TI-TCM320AC36CNR Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Similar Description - TCM320AC39IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com