Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN54014 Datasheet(PDF) 32 Page - Fairchild Semiconductor

Part # FAN54014
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54014 Datasheet(HTML) 32 Page - Fairchild Semiconductor

Back Button FAN54014 Datasheet HTML 28Page - Fairchild Semiconductor FAN54014 Datasheet HTML 29Page - Fairchild Semiconductor FAN54014 Datasheet HTML 30Page - Fairchild Semiconductor FAN54014 Datasheet HTML 31Page - Fairchild Semiconductor FAN54014 Datasheet HTML 32Page - Fairchild Semiconductor FAN54014 Datasheet HTML 33Page - Fairchild Semiconductor FAN54014 Datasheet HTML 34Page - Fairchild Semiconductor FAN54014 Datasheet HTML 35Page - Fairchild Semiconductor FAN54014 Datasheet HTML 36Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
32
Register Descriptions
FAN54010-FAN54012 have seven user-accessible registers; FAN54013-FAN54015 have an additional two registers, defined
in Table 22.
Table 22. I
2C Register Address
IC
Register
Address Bits
Name
REG#
7
6
5
4
3
2
1
0
ALL
CONTROL0
0
0
0
0
0
0
0
0
0
CONTROL1
1
0
0
0
0
0
0
0
1
OREG
2
0
0
0
0
0
0
1
0
IC_INFO
03
or
3BH
0
0
0
0
0
0
1
1
IBAT
4
0
0
0
0
0
1
0
0
FAN54013-15
SP_CHARGER
5
0
0
0
0
0
1
0
1
SAFETY
6
0
0
0
0
0
1
1
0
ALL
MONITOR
10H
0
0
0
0
1
0
1
0
Table 23. Register Bit Definitions
This table defines the operation of each register bit for all IC versions. Default values are in bold text.
Bit
Name
Value
Type
Description
CONTROL0
Register Address: 00
Default Value=X1XX 0XXX
7
TMR_RST
OTG
1
W
Writing a 1 resets the t32S timer; writing a 0 has no effect
R
Returns the OTG pin level (1=HIGH)
6
EN_STAT
0
R/W
Prevents STAT pin from going LOW during charging; STAT pin still pulses to
enunciate faults
1
Enables STAT pin LOW when IC is charging
5:4
STAT
00
R
Ready
01
Charge in progress
10
Charge done
11
Fault
3
BOOST
0
R
IC is not in Boost Mode
1
IC is in Boost Mode
2:0
FAULT
R
Fault status bits: for Charge Mode, see Table 13; for Boost Mode, see Table 18


Similar Part No. - FAN54014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54014UCX FAIRCHILD-FAN54014UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54014UCX(1) FAIRCHILD-FAN54014UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN54014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com