Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN54014 Datasheet(PDF) 27 Page - Fairchild Semiconductor

Part # FAN54014
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54014 Datasheet(HTML) 27 Page - Fairchild Semiconductor

Back Button FAN54014 Datasheet HTML 23Page - Fairchild Semiconductor FAN54014 Datasheet HTML 24Page - Fairchild Semiconductor FAN54014 Datasheet HTML 25Page - Fairchild Semiconductor FAN54014 Datasheet HTML 26Page - Fairchild Semiconductor FAN54014 Datasheet HTML 27Page - Fairchild Semiconductor FAN54014 Datasheet HTML 28Page - Fairchild Semiconductor FAN54014 Datasheet HTML 29Page - Fairchild Semiconductor FAN54014 Datasheet HTML 30Page - Fairchild Semiconductor FAN54014 Datasheet HTML 31Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
27
Boost Mode
Boost Mode can be enabled if the IC is in 32-Second Mode
with the OTG pin and OPA_MODE bits as indicated in Table
16. The OTG pin ACTIVE state is 1 if OTG_PL=1 and 0
when OTG_PL=0.
If boost is active using the OTG pin, Boost Mode is initiated
even if the HZ_MODE=1. The HZ_MODE bit overrides the
OPA_MODE bit.
Table 16. Enabling Boost
OTG_EN
OTG
Pin
HZ_
MODE
OPA_
MODE
BOOST
1
ACTIVE
X
X
Enabled
X
X
0
1
Enabled
X
ACTIVE
X
0
Disabled
0
X
1
X
Disabled
1
ACTIVE
1
1
Disabled
0
ACTIVE
0
0
Disabled
To remain in Boost Mode, the TMR_RST must be set by the
host before the t32S timer times out. If t32S times out in Boost
Mode; the IC resets all registers, pulses the STAT pin, sets
the FAULT bits to 110, and resets the BOOST bit. VBUS
POR or reading R0 clears the fault condition.
Boost PWM Control
The IC uses a minimum on-time and computed minimum off-
time to regulate VBUS. The regulator achieves excellent
transient response by employing current-mode modulation.
This technique causes the regulator to exhibit a load line.
During PWM Mode, the output voltage drops slightly as the
input current rises. With a constant VBAT, this appears as a
constant output resistance.
The “droop” caused by the output resistance when a load is
applied allows the regulator to respond smoothly to load
transients with no undershoot from the load line. This can be
seen in Figure 33 and Figure 43.
200
225
250
275
300
325
350
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Battery Voltage, VBAT (V)
Figure 43. Output Resistance (ROUT)
VBUS as a function of ILOAD can be computed when the
regulator is in PWM Mode (continuous conduction) as:
LOAD
OUT
OUT
I
R
07
.
5
V
EQ. 1
At VBAT=3.3V, and ILOAD=200mA, VBUS would drop to:
V
018
.
5
2
.
0
26
.
0
07
.
5
VOUT
EQ. 1A
At VBAT=2.7V, and ILOAD=200mA, VBUS would drop to:
V
005
.
5
2
.
0
327
.
0
07
.
5
VOUT
EQ. 1B
PFM Mode
If VBUS > VREFBOOST (nominally 5.07V) when the minimum
off-time has ended, the regulator enters PFM Mode. Boost
pulses are inhibited until VBUS < VREFBOOST. The minimum
on-time is increased to enable the output to pump up
sufficiently with each PFM boost pulse. Therefore the
regulator behaves like a constant on-time regulator, with the
bottom of its output voltage ripple at 5.07V in PFM Mode.
Table 17. Boost PWM Operating States
Mode
Description
Invoked When
LIN
Linear Startup
VBAT > VBUS
SS
Boost Soft-Start
VBUS < VBST
BST
Boost Operating Mode
VBAT > UVLOBST and
SS Completed
Startup
When the boost regulator is shut down, current flow is
prevented from VBAT to VBUS, as well as reverse flow from
VBUS to VBAT.
LIN State
When EN rises, if VBAT > UVLOBST, the regulator first
attempts to bring PMID within 400mV of VBAT using an
internal 450mA current source from VBAT (LIN State). If
PMID has not achieved VBAT – 400mV after 560s, a FAULT
state is initiated.
SS State
When PMID > VBAT – 400mV, the boost regulator begins
switching with a reduced peak current limit of about 50% of
its normal current limit. The output slews up until VBUS is
within 5% of its setpoint; at which time, the regulation loop is
closed and the current limit is set to 100%.
If the output fails to achieve 95% of its setpoint (VBST) within
128
s, the current limit is increased to 100%. If the output
fails to achieve 95% of its setpoint after this second 384
s
period, a fault state is initiated.


Similar Part No. - FAN54014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54014UCX FAIRCHILD-FAN54014UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54014UCX(1) FAIRCHILD-FAN54014UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN54014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com