Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8P1602K Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN8P1602K
Description  8-Bit Micro-Controller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602K Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN8P1602K Datasheet HTML 4Page - SONiX Technology Company SN8P1602K Datasheet HTML 5Page - SONiX Technology Company SN8P1602K Datasheet HTML 6Page - SONiX Technology Company SN8P1602K Datasheet HTML 7Page - SONiX Technology Company SN8P1602K Datasheet HTML 8Page - SONiX Technology Company SN8P1602K Datasheet HTML 9Page - SONiX Technology Company SN8P1602K Datasheet HTML 10Page - SONiX Technology Company SN8P1602K Datasheet HTML 11Page - SONiX Technology Company SN8P1602K Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 8
Revision 1.94
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1600 series is an 8-bit micro-controller utilized CMOS technology and featured with low power consumption
and high performance by its unique electronic structure.
SN8P1602/ SN8P1603 is designed with the excellent IC structure including the program memory up to 1K-word OTP
ROM, data memory of 48-bytes RAM, one 8-bit timer (TC0), a watchdog timer, two interrupt sources (TC0, INT0), and
4-level stack buffers.
More expansion functions come with SN8P1604, such like 4K-word OTP ROM, more data memory of 128-byte RAM,
8-bit timer named TC1, and buzzer function for different application. More details listed below.
Besides, user can choose desired oscillator configuration for the controller. There are four external oscillator
configurations to select for generating system clock, including High/Low speed crystal, ceramic resonator or
cost-saving RC oscillator. SN8P1600 also includes an internal RC oscillator for slow mode controlled by program.
SELECTION TABLE
Timer
PWM Wakeup
CHIP
ROM
RAM
I/O
Stack
TC0
TC1
LVD
Buzzer Pin no.
Package
SN8P1602
On/Off
SN8P1603
1K*16
48
14
V
-
On
-
6
DIP18/SOP18/SSOP20
SN8P1604 4K*16
128
22
4
-
V
On/off
1
10
SKDIP28/SOP28
Notice: The SN8P1603 always turn the LVD (low voltage detect) on.


Similar Part No. - SN8P1602K

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P1602 SONIX-SN8P1602 Datasheet
437Kb / 76P
   8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
431Kb / 76P
   8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
437Kb / 76P
   8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
431Kb / 76P
   8-Bit Micro-Controller
SN8P1602B SONIX-SN8P1602B Datasheet
437Kb / 76P
   8-Bit Micro-Controller
More results

Similar Description - SN8P1602K

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com