Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554PWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554PWR
Description  LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554PWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TCA9554PWR Datasheet HTML 16Page - Texas Instruments TCA9554PWR Datasheet HTML 17Page - Texas Instruments TCA9554PWR Datasheet HTML 18Page - Texas Instruments TCA9554PWR Datasheet HTML 19Page - Texas Instruments TCA9554PWR Datasheet HTML 20Page - Texas Instruments TCA9554PWR Datasheet HTML 21Page - Texas Instruments TCA9554PWR Datasheet HTML 22Page - Texas Instruments TCA9554PWR Datasheet HTML 23Page - Texas Instruments TCA9554PWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
SDA
SCL
Start
ACK or Read Cycle
tw
tREC
RESET
0.3 y VCC
VCC/2
tRESET
Pn
RL = 1 kΩ
VCC
CL = 50 pF
(see Note A)
SDA LOAD CONFIGURATION
DUT
SDA
P-PORT LOAD CONFIGURATION
VCC/2
tRESET
DUT
CL = 50 pF
(see Note A)
Pn
2
× VCC
500 W
500 W
TCA9554
SCPS233A – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 15. Reset Load Circuits and Voltage Waveforms
20
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TCA9554


Similar Part No. - TCA9554PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554PWR TI1-TCA9554PWR Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com