Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9554 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9554
Description  LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9554 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA9554 Datasheet HTML 5Page - Texas Instruments TCA9554 Datasheet HTML 6Page - Texas Instruments TCA9554 Datasheet HTML 7Page - Texas Instruments TCA9554 Datasheet HTML 8Page - Texas Instruments TCA9554 Datasheet HTML 9Page - Texas Instruments TCA9554 Datasheet HTML 10Page - Texas Instruments TCA9554 Datasheet HTML 11Page - Texas Instruments TCA9554 Datasheet HTML 12Page - Texas Instruments TCA9554 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
A2
0
1
S
0
0
A1 A0 0
A
A
Data From Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
ACK From
Slave
S
A2
0
1
0
0
A1 A0
R/W
1 A
Data
A
ACK From
Master
Data
Data From Register
NACK From
Master
NA P
Last Byte
ACK From
Slave
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
A2
0
1
S
0
0
A1 A0 1
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
TCA9554
www.ti.com
SCPS233A – NOVEMBER 2011 – REVISED MARCH 2012
Reads
The bus master first must send the TCA9554 address with the least significant bit (LSB) set to a logic 0 (see
Figure 6 for device address). The command byte is sent after the address and determines which register is
accessed. After a restart, the device address is sent again, but this time the LSB is set to a logic 1. Data from the
register defined by the command byte then is sent by the TCA9554 (see Figure 10 and Figure 11). After a
restart, the value of the register defined by the command byte matches the register being accessed when the
restart occurred. Data is clocked into the register on the rising edge of the ACK clock pulse. There is no limitation
on the number of data bytes received in one read transmission, but when the final byte is received, the bus
master must not acknowledge the data.
Figure 10. Read From Register
<br/>
A.
This figure assumes the command byte has previously been programmed with 00h.
B.
Transfer of data can be stopped at any moment by a Stop condition.
C.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port. See Figure 10 for these details.
Figure 11. Read From Input Port Register
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TCA9554


Similar Part No. - TCA9554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
TCA9554A TI1-TCA9554A Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9554

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com