Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQHR301K0J Datasheet(PDF) 2 Page - Tyco Electronics

Part # SQHR301K0J
Description  High Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SQHR301K0J Datasheet(HTML) 2 Page - Tyco Electronics

  SQHR301K0J Datasheet HTML 1Page - Tyco Electronics SQHR301K0J Datasheet HTML 2Page - Tyco Electronics SQHR301K0J Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Derating Curve
Load Against Temperature
-50
0
50
100
150
200
250
300
-55
-70
100
80
60
40
20
0
Ambient Temperature (°C)
155°C
275°C
0
20
40
06
80
100
300
250
200
150
100
50
0
Rated Load (%)
5W
7W, 10W
15W-40W
Type SQM - Vertical
Power
Dimensions
Resistance Range
Rating
W ± 1
H ± 1
S ± 1.5
P ± 2.0
Wire
Metal Film
2W
11
20
7
5
R10 - 82R
83R - 10K
3W
12
25
8
5
R10 - 180R
181R - 33K
5W
13
25
9
5
R10 - 180R
181R - 100K
7W
13
39
9
5
R10 - 430R
431R - 100K
10W
13
51
9
5
R10 - 470R
471R - 100K
10WS
16
35
12
7.5
R10 - 360R
361R - 100K
N.B. Custom design versions in wire at low tolerances, better T.C.R., and higher ohmic values are available to special order. Please
enquire.
Type SQH - Horizontal with
Faston Connectors
Power
Dimensions
Resistance Range
Rating
W ± 1
H ± 1
L ± 1.5
P
H1± 1
D±0.5
P1±0.2
P2±0.2
Wire
Metal Film
10W
10
10
48
32 ±1
21
5
2.5
1.7
R50 - 600R
601R - 50K
15W
12.5
11.5
48
32 ±1
21
5
2.5
1.7
1R0 - 600R
601R - 50K
20W
14.5
13.5
60
42 ±1
24
6
3.0
2.5
1R0 - 1K0
1K1 - 50K
30W
19
19
75
55 ±2
31
7.5
1R0 - 2K0
40W
19
19
90
67 ±2
31
7.5
1R0 - 2K0
Type SQB - Horizontal with Faston
Connectors and Bracket
Power
Dimensions
Rating
A ± 0.5
B ± 0.5 C ± 0.5
G ± 0.5
10W
8.0
5.0
12.0
3.0
15W
8.0
5.5
12.0
3.0
20W
8.0
5.5
12.0
3.0
30W
10.5
8.0
18.0
3.5
40W
10.5
8.0
18.0
3.5
High Power Resistors
Type SQ Series
1773285 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - SQHR301K0J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQHR201K0F ETC2-SQHR201K0F Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0G ETC2-SQHR201K0G Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0J ETC2-SQHR201K0J Datasheet
255Kb / 3P
   Type SQ Series
SQHR201K0K ETC2-SQHR201K0K Datasheet
255Kb / 3P
   Type SQ Series
SQHR201M0F ETC2-SQHR201M0F Datasheet
255Kb / 3P
   Type SQ Series
More results

Similar Description - SQHR301K0J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
   High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com