Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5342 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5342 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5342 Datasheet HTML 11Page - Texas Instruments TAS5342 Datasheet HTML 12Page - Texas Instruments TAS5342 Datasheet HTML 13Page - Texas Instruments TAS5342 Datasheet HTML 14Page - Texas Instruments TAS5342 Datasheet HTML 15Page - Texas Instruments TAS5342 Datasheet HTML 16Page - Texas Instruments TAS5342 Datasheet HTML 17Page - Texas Instruments TAS5342 Datasheet HTML 18Page - Texas Instruments TAS5342 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
THD+Nat10%
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
3 Ω
T – CaseTemperature – °C
C
8 Ω
8 Ω
8 Ω
4 Ω
8 Ω
8 Ω
8 Ω
2 Ω
0
260
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
10
120
20
30
40
50
60
70
80
90
100
110
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION (continued)
SYSTEM OUTPUT POWER
vs
CASE TEMPERATURE
Figure 13.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5342
Not Recommended for New Designs


Similar Part No. - TAS5342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342 TI-TAS5342 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342ADDV TI1-TAS5342ADDV Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342ADDVR TI-TAS5342ADDVR Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
[Old version datasheet]   100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
[Old version datasheet]   100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com