Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3202PAGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3202PAGR
Description  AUDIO DSP WITH ANALOG INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3202PAGR Datasheet(HTML) 4 Page - Texas Instruments

  TAS3202PAGR Datasheet HTML 1Page - Texas Instruments TAS3202PAGR Datasheet HTML 2Page - Texas Instruments TAS3202PAGR Datasheet HTML 3Page - Texas Instruments TAS3202PAGR Datasheet HTML 4Page - Texas Instruments TAS3202PAGR Datasheet HTML 5Page - Texas Instruments TAS3202PAGR Datasheet HTML 6Page - Texas Instruments TAS3202PAGR Datasheet HTML 7Page - Texas Instruments TAS3202PAGR Datasheet HTML 8Page - Texas Instruments TAS3202PAGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
2
Functional Description
2.1
Analog Input/Mux/Stereo ADC
These modules allow two differential analog stereo inputs to be sent to one ADC to be converted to digital
data. The input multiplexers include a preamplifier. This amplifier is driving the ADC, and it is digitally
controlled with changes synchronized with the sample clock of the ADC. Minimal crosstalk between
selected channels and unselected channels is maintained. When inputs are not needed, they are
configured for minimal noise. Also included in this module is one fully differential oversampled stereo
ADC. The ADC is a sigma-delta modulator with 256 times oversampling ratio. Because of the
oversampling nature of the audio ADC and integrated digital decimation filter, requirements for analog
anti-aliasing filtering are relaxed. Filter performance for the ADC is specified under physical
characteristics.
2.2
Stereo DAC
This module includes one stereo audio DAC, which consists of a digital interpolation filter, digital
sigma-delta modulator, and an analog reconstruction filter. The DAC can operate at a maximum of
48 kHz. The DAC upsamples the incoming data by 128 and performs interpolation filtering and processing
on this data before conversion to a stereo analog output signal. The sigma-delta modulator always
operates at a rate of 128Fs, which ensures that quantization noise generated within the modulator stays
low within the frequency band below Fs/2.4 at all sample rates. The digital interpolation filters for
interpolation from Fs to 8Fs are included in the audio DSP upper memory (reserved for analog
processing), while interpolation from 8Fs to 128Fs is done in a dedicated hardware sample and hold filter.
The TAS3202 includes one stereo line driver output. The line driver is capable of driving up to a 10-k
load. The stereo output can be in power-down mode when not used. Popless operation is achieved by
conforming to start and stop sequences in the device controller code.
2.3
Analog Reference System
This module provides all internal references needed by the analog modules. It also provides bias currents
for all analog blocks. External decoupling capacitors are needed along with an external 1%-tolerance
resistor to set the internal bias currents. It includes a band-gap reference and several voltage buffers and
a tracking current reference. The TAS3202 also uses an internally generated mid-rail supply that is used
to rereference all analog inputs and is present on all analog outputs. VMID is the analog mid-rail supply
and can be used when buffered externally to rereference the analog inputs and outputs. The voltage
reference REXT requires a 22-k
Ω 1% resistor to ground. The reference system can be powered down
separately.
2.4
Power Supply
The power supply contains supply regulators that provide analog and digital regulated power for various
sections of the TAS3202. Only one external 3.3-V supply is required. All other voltages are generated on
chip from the external 3.3-V supply.
4
Functional Description
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202


Similar Part No. - TAS3202PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204PAG TI-TAS3204PAG Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204PAGR TI-TAS3204PAGR Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3202PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com