Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3108 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108
Description  AUDIO DIGITAL SIGNAL PROCESSORS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS3108 Datasheet HTML 6Page - Texas Instruments TAS3108 Datasheet HTML 7Page - Texas Instruments TAS3108 Datasheet HTML 8Page - Texas Instruments TAS3108 Datasheet HTML 9Page - Texas Instruments TAS3108 Datasheet HTML 10Page - Texas Instruments TAS3108 Datasheet HTML 11Page - Texas Instruments TAS3108 Datasheet HTML 12Page - Texas Instruments TAS3108 Datasheet HTML 13Page - Texas Instruments TAS3108 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
www.ti.com
0x00
DWFMT (Data Word Format)
Ack
IOM
Ack
OW[2:0]
15
IW[2:0]
0
XX
14 13
11 10
8
7
DWFMT
8
15
Ack
xxxxxxxx
Ack
Subaddr
Ack
Slave Addr
S
24
31
OM[3:0]
IM[3:0]
7
4
3
0
xxxxxxxx
Ack
16
23
Output Port
Format
Input Port
Format
Input Port
Word Size
Output Port
Word Size
R0003-01
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Table 3-2. Serial Data Input and Output Formats
INPUT
OUTPUT
WORD
DATA RATES
MAX
MODE
CONTROL
CONTROL
SERIAL FORMAT
LENGTHS
(kHz)
SCLK
IM[3:0]
OM[3:0]
0000
0000
Left justified
16, 20, 24, 32
2 channel
0001
0001
Right justified
16, 20, 24, 32
32–192
12.288
0010
0010
I2S
16, 20, 24
0011
0011
8 channel left justified
16, 20, 24, 32
32–96 MCLK
24.576 MCLK
32–48 crystal
12.288 crystal
0110
0110
8 channel I2S
16, 20, 24
Time-division
0100
0100
6 channel left justified
16, 20, 24, 32
multiplexed (4,
32–96
18.432
6, or 8
0111
0111
6 channel I2S
16, 20, 24
channel)
0101
0101
4 channel left justified
16, 20, 24, 32
32–192 MCLK
24.576 MCLK
32–96 crystal
12.288 crystal
1000
1000
4 channel I2S
16, 20, 24
Figure 3-1. Serial Data Controls
Table 3-3. Serial Data Input and Output Data Word
Sizes
IW1, OW1
IW0, OW0
FORMAT
0
0
32-bit data
0
1
16-bit data
1
0
20-bit data
1
1
24-bit data
Physical Characteristics
10
Submit Documentation Feedback
Not Recommended for New Designs


Similar Part No. - TAS3108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108 TI1-TAS3108 Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCP TI1-TAS3108DCP Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCPG4 TI1-TAS3108DCPG4 Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TAS3108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3108 TI1-TAS3108_14 Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
[Old version datasheet]   AUDIO DIGITAL SIGNAL PROCESSORS
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com