Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4190-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 11Page - Texas Instruments SRC4190-Q1 Datasheet HTML 12Page - Texas Instruments SRC4190-Q1 Datasheet HTML 13Page - Texas Instruments SRC4190-Q1 Datasheet HTML 14Page - Texas Instruments SRC4190-Q1 Datasheet HTML 15Page - Texas Instruments SRC4190-Q1 Datasheet HTML 16Page - Texas Instruments SRC4190-Q1 Datasheet HTML 17Page - Texas Instruments SRC4190-Q1 Datasheet HTML 18Page - Texas Instruments SRC4190-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
FREQUENCY RESPONSE with 0dBFS INPUT
0
10k
20k
30k
40k
60k
50k
Frequency (Hz)
192kHz:32kHz
192kHz:48kHz
192kHz:96kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
LINEARITY with f
IN = 200Hz
(192kHz:44.1kHz)
–130 –120 –110 –100 –90 –80
–70 –60 –50
0
–40 –30 –20 –10
Input Amplitude (dBFS)
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.06
–0.07
–0.08
–0.09
–0.10
–0.11
–0.12
–0.13
–0.14
–0.15
PASS BAND RIPPLE
(48k:48k)
0
5k
10k
15k
22k
20k
Input Frequency (Hz)
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.06
–0.07
–0.08
–0.09
–0.10
–0.11
–0.12
–0.13
–0.14
–0.15
PASS BAND RIPPLE
(192k:48k)
0
5k
10k
15k
22k
20k
Input Frequency (Hz)
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V (unless otherwise noted)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): SRC4190-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn