Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4190-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 7Page - Texas Instruments SRC4190-Q1 Datasheet HTML 8Page - Texas Instruments SRC4190-Q1 Datasheet HTML 9Page - Texas Instruments SRC4190-Q1 Datasheet HTML 10Page - Texas Instruments SRC4190-Q1 Datasheet HTML 11Page - Texas Instruments SRC4190-Q1 Datasheet HTML 12Page - Texas Instruments SRC4190-Q1 Datasheet HTML 13Page - Texas Instruments SRC4190-Q1 Datasheet HTML 14Page - Texas Instruments SRC4190-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 1kHz INPUT TONE at 0dBFS
(192kHz:96kHz)
0
10k
20k
48k
40k
30k
Frequency (Hz)
FFT with 1kHz INPUT TONE at –60dBFS
(192kHz:96kHz)
0
10k
20k
48k
40k
30k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–20
0
–40
–60
–80
–100
–120
–140
–160
FFT with 20kHz INPUT TONE at 0dBFS
(44.1kHz:48kHz)
0
5k
10k
24k
20k
15k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 20kHz INPUT TONE at 0dBFS
(48kHz:44.1kHz)
0
5k
10k
22k
20k
15k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 20kHz INPUT TONE at 0dBFS
(48kHz:96kHz)
0
10k
20k
48k
40k
30k
Frequency (Hz)
–20
–40
–60
–80
–100
–120
–140
–160
FFT with 20kHz INPUT TONE at 0dBFS
(96kHz:48kHz)
0
5k
10k
24k
20k
15k
Frequency (Hz)
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V (unless otherwise noted)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SRC4190-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn