Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4190-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SRC4190-Q1 Datasheet HTML 1Page - Texas Instruments SRC4190-Q1 Datasheet HTML 2Page - Texas Instruments SRC4190-Q1 Datasheet HTML 3Page - Texas Instruments SRC4190-Q1 Datasheet HTML 4Page - Texas Instruments SRC4190-Q1 Datasheet HTML 5Page - Texas Instruments SRC4190-Q1 Datasheet HTML 6Page - Texas Instruments SRC4190-Q1 Datasheet HTML 7Page - Texas Instruments SRC4190-Q1 Datasheet HTML 8Page - Texas Instruments SRC4190-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VDD
Core supply voltage range
–0.3 V to 4 V
VIO
I/O supply voltage range
–0.3 V to 4 V
VI
Digital input voltage
–0.3 V to 4 V
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C, VDD = 3.3 V, and VIO = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance(1)
Resolution
24
bits
fSIN
Input sampling frequency
4
212
kHz
fSOUT
Output sampling frequency
4
212
kHz
Upsampling
1:16
Input:output sampling ratio
Downsampling
16:1
44.1 kHz : 48 kHz
125
48 kHz : 44.1 kHz
125
48 kHz : 96 kHz
125
44.1 kHz : 192 kHz
125
BW = 20 Hz to fSOUT/2,
–60-dBFS Input,
96 kHz : 48 kHz
125
Dynamic range
fIN = 1 kHz, Unweighted
dB
192 kHz : 12 kHz
125
(add 3 dB to specification
for A-weighted result)
192 kHz : 32 kHz
125
192 kHz : 48 kHz
125
32 kHz : 48 kHz
125
12 kHz : 192 kHz
125
44.1 kHz : 48 kHz
–125
48 kHz : 44.1 kHz
–125
48 kHz : 96 kHz
–125
44.1 kHz : 192 kHz
–125
BW = 20 Hz to fSOUT/2,
96 kHz : 48 kHz
–125
Total harmonic distortion +
0-dBFS Input,
dB
noise
192 kHz : 12 kHz
–125
fIN = 1 kHz, Unweighted
192 kHz : 32 kHz
–125
192 kHz : 48 kHz
–125
32 kHz : 48 kHz
–125
12 kHz : 192 kHz
–125
Interchannel gain mismatch
0
dB
Interchannel phase deviation
0
°
Mute attenuation
24-bit word length, A-weighted
–128
dB
(1)
Dynamic performance measured with an Audio Precision System Two Cascade or Cascade Plus.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SRC4190-Q1


Similar Part No. - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
More results

Similar Description - SRC4190-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com