Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4190-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part No. SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 19Page - Texas Instruments SRC4190-Q1 Datasheet HTML 20Page - Texas Instruments SRC4190-Q1 Datasheet HTML 21Page - Texas Instruments SRC4190-Q1 Datasheet HTML 22Page - Texas Instruments SRC4190-Q1 Datasheet HTML 23Page - Texas Instruments SRC4190-Q1 Datasheet HTML 24Page - Texas Instruments SRC4190-Q1 Datasheet HTML 25Page - Texas Instruments SRC4190-Q1 Datasheet HTML 26Page - Texas Instruments SRC4190-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
LGRP
RCKI
NC
SDIN
BCKI
LRCKI
V
IO
DGND
BYPAS
IFMT0
IFMT1
IFMT2
RST
MUTE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SRC4190
Audio Input
Device
Reference
Clock
From/To
Control
Logic
V
DD = +3.3V
10µF
MODE2
MODE1
MODE0
BCKO
LRCKO
SDOUT
V
DD
DGND
TDMI
OFMT0
OFMT1
OWL0
OWL1
RDY
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Audio Output
Device
0.1 F
µ
To Pin 22
To Pin 21
V
IO = +1.65V to VDD
0.1µF
10µF
To Pin 7
To Pin 8
From
Control
Logic
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
APPLICATION INFORMATION
This section of the data sheet provides practical applications information for hardware and systems engineers
who will be designing the SRC4190 into end equipment.
Recommended Circuit Configuration
The typical connection diagram for the SRC4190 is shown in Figure 8. Recommended values for power-supply
bypass capacitors are included. These capacitors should be placed as close to the IC package as possible.
Figure 8. Typical Connection Diagram
Interfacing to Digital Audio Receivers and Transmitters
The SRC4190 input and output ports are designed to interface to a variety of audio devices, including receivers
and transmitters commonly used for AES/EBU, S/PDIF, and CP1201 communications.
Texas Instruments manufactures the DIR1703 digital audio interface receiver and DIT4096/4192 digital audio
transmitters to address these applications.
Figure 9 illustrates interfacing the DIR1703 to the SRC4190 input port. The DIR1703 operates from a single
3.3-V supply, which requires the VIO supply (pin 7) for the SRC4190 to be set to 3.3 V for interface compatibility.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): SRC4190-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn