Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4190-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 16Page - Texas Instruments SRC4190-Q1 Datasheet HTML 17Page - Texas Instruments SRC4190-Q1 Datasheet HTML 18Page - Texas Instruments SRC4190-Q1 Datasheet HTML 19Page - Texas Instruments SRC4190-Q1 Datasheet HTML 20Page - Texas Instruments SRC4190-Q1 Datasheet HTML 21Page - Texas Instruments SRC4190-Q1 Datasheet HTML 22Page - Texas Instruments SRC4190-Q1 Datasheet HTML 23Page - Texas Instruments SRC4190-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SRC4190-Q1
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2 illustrates data format selection for the input port. The IFMT0 (pin 10), IFMT1 (pin 11), and IFMT2 (pin
12) inputs are utilized to set the input port data format.
Table 2. Input Port Data Format Selection
IFMT2
IFMT1
IFMT0
INPUT PORT DATA FORMAT
0
0
0
24-bit left justified
0
0
1
24-bit I2S
0
1
0
Unused
0
1
1
Unused
1
0
0
16-bit right justified
1
0
1
18-bit right justified
1
1
0
20-bit right justified
1
1
1
24-bit right justified
Output Port Operation
The audio output port is a four-wire synchronous serial interface that may operate in either slave or master
mode. The SDOUT output (pin 23) is the serial audio data output. Audio data is output at this pin in one of four
data formats: Philips I2S, left justified, right justified, or TDM. The audio data word length may be 16, 18, 20, or
24 bits. For all word lengths, the data is triangular PDF dithered from the internal 28-bit data path. The data
formats (with the exception of TDM mode) are shown in Figure 6, while critical timing parameters are shown in
Figure 7 and listed in the Electrical Characteristics table. The TDM format and timing are shown in Figure 11 and
Figure 12, respectively, while examples of standard TDM configurations are shown in Figure 13 and Figure 14.
The bit clock is either input or output at BCKO (pin 25). In slave mode, BCKO is configured as an input pin, and
may operate at rates from 32fS to 128fS, with a minimum of one clock cycle for each data bit. The exception is
the TDM mode, where the BCKO must operate at N × 64fS, where N is equal to the number of SRC4190 devices
included on the TDM interface. In master mode, BCKO operates at a fixed rate of 64fS for all data formats except
TDM, where BCKO operates at the reference clock (RCKI) frequency. Additional information regarding TDM
mode operation is included in the Application Information section of this data sheet.
The left/right word clock, LRCKO (pin 24), may be configured as an input or output pin. In slave mode, LRCKO is
an input pin, while in master mode it is an output pin. In either case, the clock rate is equal to fS, the output
sampling frequency. The clock duty cycle is fixed to 50% for I2S, left justified, and right justified formats in master
mode. The LRCKO pulse width is fixed to 32 BCKO cycles for the TDM format in master mode.
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): SRC4190-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn