Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4190-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. SRC4190-Q1
Description  192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4190-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SRC4190-Q1 Datasheet HTML 13Page - Texas Instruments SRC4190-Q1 Datasheet HTML 14Page - Texas Instruments SRC4190-Q1 Datasheet HTML 15Page - Texas Instruments SRC4190-Q1 Datasheet HTML 16Page - Texas Instruments SRC4190-Q1 Datasheet HTML 17Page - Texas Instruments SRC4190-Q1 Datasheet HTML 18Page - Texas Instruments SRC4190-Q1 Datasheet HTML 19Page - Texas Instruments SRC4190-Q1 Datasheet HTML 20Page - Texas Instruments SRC4190-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
MODE [2:0]
IFMT [2:0]
OFMT [1:0]
OWL [1:0]
MUTE
BYPAS
LGRP
RST
Control
Logic
Rate
Estimator
LRCKI
LRCKO
REFCLK
RDY
LRCKO
BCKO
SDOUT
TDMI
Audio
Output
Port
RCKI
REFCLK
Reference
Clock
LRCKI
BCKI
SDIN
Audio
Input
Port
Interpolation
Filters
16f
SIN
f
SIN
f
SOUT
V
DD
DGND
V
IO
DGND
Re-Sampler
16f
SOUT
Decimation
Filters
Power
t
RCKIP
t
RCKIH
t
RCKIL
RCKI
SRC4190
RCKI
From External
Clock Source
50MHz max
2
t
RCKIP
> 20ns min
t
RCKIH
> 0.4 t
RCKIP
t
RCKIL
> 0.4 t
RCKIP
SRC4190-Q1
www.ti.com
SBFS034A – SEPTEMBER 2008 – REVISED OCTOBER 2009
Figure 1. Functional Block Diagram
Reference Clock
The SRC4190 requires a reference clock for operation. The reference clock is applied at the RCKI input, pin 2.
Figure 2 illustrates the reference clock connections and requirements for the SRC4190. The reference clock may
operate at 128fS, 256fS, or 512fS, where fS is the input or output sampling frequency. The maximum external
reference clock input frequency is 50 MHz.
Figure 2. Reference Clock Input Connections and Timing Requirements
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): SRC4190-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn