Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761646RHBR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN761646RHBR
Description  DIGITAL TV TUNER IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761646RHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN761646RHBR Datasheet HTML 3Page - Texas Instruments SN761646RHBR Datasheet HTML 4Page - Texas Instruments SN761646RHBR Datasheet HTML 5Page - Texas Instruments SN761646RHBR Datasheet HTML 6Page - Texas Instruments SN761646RHBR Datasheet HTML 7Page - Texas Instruments SN761646RHBR Datasheet HTML 8Page - Texas Instruments SN761646RHBR Datasheet HTML 9Page - Texas Instruments SN761646RHBR Datasheet HTML 10Page - Texas Instruments SN761646RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SN761646
www.ti.com
SLES251 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS
Total Device and Serial Interface
VCC = 4.5 V to 5.5 V, TA = –20°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
BS[2:1] = 10, IGPP1,2 = 0 mA, IFGCA
Supply current 1
80
mA
disabled
ICC2
BS[2:1] = 10, IGPP1,2 = 0 mA, IFGCA
Supply current 2
110
mA
enabled
ICC-STBY
Standby supply current
BS[2:1] = 11
8
14
mA
VIH
High-level input voltage (SCL, SDA)
2.3
V
VIL
Low-level input voltage (SCL, SDA)
1.05
V
IIH
High-level input current (SCL, SDA)
10
μA
IIL
Low-level input current (SCL, SDA)
–10
μA
Power-on-reset supply voltage (threshold of supply
VPOR
2.1
2.8
3.5
V
voltage between reset and operation mode)
I2C Interface
VOL
Low-level output voltage (SDA)
VCC = 5 V, IOL = 3 mA
0.4
V
lSDAH
High-level output leakage current (SDA)
VSDA = 5.5 V
10
μA
fSCL
Clock frequency (SCL)
100
400
kHz
tHD-DAT
Data hold time
See Figure 19
0
0.9
μs
tBUF
Bus free time
1.3
μs
tHD-STA
Start hold time
0.6
μs
tLOW
SCL-low hold time
1.3
μs
tHIGH
SCL-high hold time
0.6
μs
tSU-STA
Start setup time
0.6
μs
tSU-DAT
Data setup time
0.1
μs
tr
Rise time (SCL, SDA )
0.3
μs
tf
Fall time (SCL, SDA)
0.3
μs
tSU-STO
Stop setup time
0.6
μs
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN761646


Similar Part No. - SN761646RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640DBTR TI1-SN761640DBTR Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642DBTR TI1-SN761642DBTR Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results

Similar Description - SN761646RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761667 TI-SN761667 Datasheet
507Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com