Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761646 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN761646
Description  DIGITAL TV TUNER IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN761646 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN761646 Datasheet HTML 6Page - Texas Instruments SN761646 Datasheet HTML 7Page - Texas Instruments SN761646 Datasheet HTML 8Page - Texas Instruments SN761646 Datasheet HTML 9Page - Texas Instruments SN761646 Datasheet HTML 10Page - Texas Instruments SN761646 Datasheet HTML 11Page - Texas Instruments SN761646 Datasheet HTML 12Page - Texas Instruments SN761646 Datasheet HTML 13Page - Texas Instruments SN761646 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SN761646
SLES251 – NOVEMBER 2009
www.ti.com
IF Gain Controlled Amplifier
VCC = 5 V, TA = 25°C, measured in Figure 20 reference measurement circuit at 50-Ω system, IF = 45.75 MHz,
IF filter characteristics: fpeak = 44 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIFGCA
Input current (IF GCA CTRL)
VIFGCA = 3 V
30
60
µA
VIFGCAMAX
Maximum gain control voltage
Gain Maximum
3
VCC
V
VIFGCAMIN
Minimum gain control voltage
Gain Minimum
0
0.2
V
GIFGCAMAX
Maximum gain
VIFGCA = 3 V
65
dB
GIFGCAMIN
Minimum gain
VIFGCA = 0 V
–1
dB
GCRIFGCA
Gain control range
VIFGCA = 0 V to 3 V
66
dB
VIFGCAOUT
Single-ended output, VIFGCA = 3
Output voltage
2.1
Vp-p
V
NFIFGCA
Noise figure
VIFGCA=3V
11
dB
IM3IFGCA
fIFGCAIN1 = 43 MHz,
fIFGCAIIN2 = 44 MHz,
Third order intermodulation distortion
–50
dBc
VIFGCAOUT = –2 dBm,
VIFGCA = 3 V
IIP3IFGCA
Input intercept point
VIFGCA = 0 V
11
dBm
RIFGCAIN
Input resistance (IF GCA IN1, IF GCA
1
k
Ω
IN2)
RIFGCAOUT
Output resistance (IF GCA OUT1, IF
25
Ω
GCA OUT2)
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN761646


Similar Part No. - SN761646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640DBTR TI1-SN761640DBTR Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642DBTR TI1-SN761642DBTR Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
More results

Similar Description - SN761646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761667 TI-SN761667 Datasheet
507Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com