Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-9103 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 63801-9103
Description  PT-1500 Auto Grip Pull Tester Operation Manual
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

63801-9103 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 63801-9103 Datasheet HTML 2Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 3Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 4Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 5Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 6Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 7Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 8Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 9Page - Molex Electronics Ltd. 63801-9103 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Auto Grip Pull Tester
Doc No: TM-638019100
Release Date: 08-10-09
UNCONTROLLED COPY
Page 6 of 15
Revision: B
Revision Date: 10-01-09
Figure 1-2
63801-9100 Range
(Resolution) ± 0.2% F.S. ± 1 LSD
Capacity (Resolution)
Model
Pound-force
Kilogram-force
Newtons
63801-9100 220.0 (0.1 lbf)
100.0 (0.1 kgf)
1000 (1 N)
1.4. Delivery Check
Carefully remove the assembly from its shipping container and determine that the following items are included in the
package.
Description
Quantity
63801-9100 Pull Tester assembly
1
63801-9102 Clamp type terminal grip
1
63801-9103 A.C. Adapter / charger (120 VAC) or
1
63801-9105 A.C. Adapter / charger (230 VAC)
1
TM-638019100 Operation Manual
1
1.5. Tools
The following tools are recommended for set up and maintaining the tester:
Open end wrench, 10mm
Hex wrench, 5mm


Similar Part No. - 63801-9103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-9000 MOLEX11-63801-9000 Datasheet
81Kb / 1P
   Mini-Mac Applicator Rear Feed
63801-9400 MOLEX11-63801-9400 Datasheet
31Kb / 1P
   Terminal Singulation Press
63801-9420 MOLEX-63801-9420 Datasheet
548Kb / 6P
   Terminal Singulation Applicator
07-26-11
63801-9700 MOLEX2-63801-9700 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
63801-9710 MOLEX2-63801-9710 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
More results

Similar Description - 63801-9103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638019100 MOLEX11-0638019100 Datasheet
27Kb / 1P
   PT-1500 Bench-Top Wire Crimp Pull-Force Tester, Manual Lever-operated for 5.84mm 8-30 AWG
TM-638019700 MOLEX2-TM-638019700 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
logo
List of Unclassifed Man...
PT-350 ETC2-PT-350 Datasheet
133Kb / 1P
   Pockey Continuity Tester Toner - PT-300
logo
Molex Electronics Ltd.
0638019700 MOLEX-0638019700 Datasheet
253Kb / 45P
   Hand-Held Wire Crimp Pull-Force Tester
03/10/2020
logo
M-System Co.,Ltd.
HPSN MSYSTEM-HPSN Datasheet
65Kb / 1P
   MANUAL OPERATION HANDLE
logo
Molex Electronics Ltd.
0638019700 MOLEX11-0638019700 Datasheet
46Kb / 1P
   Hand-Held Wire Crimp Pull-Force Tester
logo
PHOENIX CONTACT
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
   With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
   With detectable manual operation
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
   OPERATION & SET-UP MANUAL
logo
Gamewell-FCI by Honeywe...
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com