Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75976A1MDGGREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A1MDGGREP
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75976A1MDGGREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75976A1MDGGREP Datasheet HTML 3Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 4Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 5Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 6Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 7Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 8Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 9Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 10Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
0.10
1.00
10.00
100.00
1000.00
100
110
120
130
140
150
160
ContinuousTj (°C)
WirebondVoiding
FailMode
ElectromigrationFailMode
Recommended Operating Conditions
SN75976A-EP
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS878A – JANUARY 2008 – REVISED FEBRUARY 2008
A.
See Datasheet for Absolute Maximum and Minimum Recommended Operating Conditions.
B.
Silicon Operating ife Design Goal is 10 years @105
°C Junction Temperature (does not include package interconnect
life).
C.
Enhanced Plastic Product Disclaimer Applies.
D.
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result
in a reduction of overall device life. See Chart for additional information on thermal derating. Electromigration failure
mode applies to powered part, Kirkendall voiding failure mode is a function of temperature only.
Figure 1. SN75976A-EP Operating Life Derating Chart
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
Except nB+, nB–(1)
2
V
VIL
Low-level input voltage
Except nB+, nB–(1)
0.8
V
12
VO, VI,
Voltage at any bus terminal (separately or common-mode)
nB+ or nB–
V
or VIC
–7
Driver
–60
IOH
High-level output current
mA
Receiver
–8
Driver
60
IOL
Low-level output current
mA
Receiver
8
TA
Operating free-air temperature
SN75976A
–55
125
°C
(1)
n = 1 – 9
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN75976A-EP


Similar Part No. - SN75976A1MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A1DGG TI-SN75976A1DGG Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGG4 TI-SN75976A1DGGG4 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGG4 TI-SN75976A1DGGG4 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A1MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com