Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75512BN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75512BN
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75512BN Datasheet(HTML) 5 Page - Texas Instruments

  SN75512BN Datasheet HTML 1Page - Texas Instruments SN75512BN Datasheet HTML 2Page - Texas Instruments SN75512BN Datasheet HTML 3Page - Texas Instruments SN75512BN Datasheet HTML 4Page - Texas Instruments SN75512BN Datasheet HTML 5Page - Texas Instruments SN75512BN Datasheet HTML 6Page - Texas Instruments SN75512BN Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN65512B, SN75512B
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS016A − DECEMBER 1985 − REVISED OCTOBER 1989
4−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range, VCC2 = 60 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 12 mA
− 1.5
V
VOH
High-level output voltage
Q outputs
IOH = − 25 mA,
VCC1 = 10 V
57.5
58
V
VOH
High-level output voltage
SERIAL OUT
IOH = − 200 µA,
VCC1 = 10 V
9
9.5
V
VOL
Low-level output voltage
Q outputs
IOL = 5 mA,
VCC1 = 10 V
2.6
5
V
VOL
Low-level output voltage
SERIAL OUT
IOL = 200 µA,
VCC1 = 10 V
0.05
0.2
V
IIH
High-level input current
VCC1 = 15 V,
VI = 5 V
0.01
1
µA
IIL
Low-level input current
VCC1 = 15 V,
VI = 0.8 V
−25
− 150
µA
ICC1
Supply current from VCC1
VCC1 = 15 V
VI = 5 V
80
500
µA
ICC1
Supply current from VCC1
VCC1 = 15 V
VI = 0.8 V
2
6
mA
ICC2
Supply current from VCC2
VCC1 = 15 V
All outputs high
10
100
µA
ICC2
Supply current from VCC2
VCC1 = 15 V
STROBE at 2 V
0.8
3
mA
† All typical values are at VCC1 = 5 V, TA = 25°C.
switching characteristics, VCC1 = 10 V, VCC2 = 60 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPHL
Propagation delay time, high-to-low level output
300
ns
tPLH
Propagation delay time, low-to-high level output
CL = 30 pF,
See Figure 2
300
ns
tTHL
Transition time, high-to-low level output
CL = 30 pF,
See Figure 2
500
ns
tTLH
Transition time, low-to-high level output
500
ns


Similar Part No. - SN75512BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75512 TI1-SN75512 Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN75512C TI-SN75512C Datasheet
85Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN75512C TI1-SN75512C Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN75512CDW TI1-SN75512CDW Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN75512CN TI1-SN75512CN Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
More results

Similar Description - SN75512BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4810B_1998 TI1-TL4810B_1998 Datasheet
110Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B TI-TL4810B Datasheet
334Kb / 6P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65518 TI-SN65518 Datasheet
136Kb / 9P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI-SN65512C Datasheet
85Kb / 7P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
[Old version datasheet]   VACUUM FLUORESCENT DISPLAY DRIVERS
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
   Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com