Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPSW201K0K Datasheet(PDF) 1 Page - Tyco Electronics

Part # SPSW201K0K
Description  High Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SPSW201K0K Datasheet(HTML) 1 Page - Tyco Electronics

  SPSW201K0K Datasheet HTML 1Page - Tyco Electronics SPSW201K0K Datasheet HTML 2Page - Tyco Electronics SPSW201K0K Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35 ±3
2W: 23 ±3
L
d
W
H
ø2.7
Characteristics - Electrical
Test Condition
Performance
Resistance Temp. Coefficient:
-55°C ~ 155°C
± 300ppm/°C
*Short Time Overload:
10 times rated power for 5 seconds
± 2%
Rated Load:
Rated power for 30 minutes
± 1%
Voltage Withstand:
1000V AC 1 minute
no change
Insulation Resistance:
500V megger
1000 Meg
Temperature Cycle:
-30°C ~ 85°C for 5 cycles
± 1%
Load Life:
70°C on-off cycle for 1000 hours
± 5%
Moisture-proof Load Life:
40°C 95% RH on-off cycle 1000 hours
± 5%
Incombustability:
16 times rated wattage for 5 minutes
No flame
Max. Overload Voltage:
2 times max. working voltage
*Metal Film Elements:
Short time overload 5 times rated power, 5 seconds
Power
Dimensions
Resistance Range
Max. Working
Rating
W ± 1
H ± 1
L ± 1.5 d ± 0.05
l ± 0.3
Wire
Metal Film
Voltage
2W
7
7
18
0.65
23
R10 - 82R
83R - 10K
150V
3W
8
8
22
0.8
35
R10 - 180R
181R - 33K
350V
5W
10
9
22
0.8
35
R10 - 180R
181R - 100K
350V
7W
10
9
35
0.8
35
R10 - 430R
431R - 100K
500V
10W
10
9
48
0.8
35
R10 - 470R
471R - 100K
750V
15W
12.5
11.5
48
0.8
35
R50 - 600R
601R - 150K
1000V
20W - 25W
14
13.5
60
0.8
35
R50 - 1K0
1.1K - 150K
1000V
Rated Continuous Working Voltage (RCWV)
RCWV:
Rated Power x Resistance Value or Maximum Working Voltage listed above whichever is lower
Type SQP - Horizontal
High Power Resistors
Type SQ Series
1773285 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Choice of Styles
I Bracketed Types
Available
I Temp. Op. -55°C to
+250°C
I Wide Value Range
I Stable TCR 300ppm/°C
I Custom Designs
Welcome
I Inorganic Flame Proof
Construction
This flexible range of Power Wirewound Resistors either have wire or power oxide film
elements. The SQ series resistors are wound or deposited on a fine non - alkali ceramic core
then embodied in a ceramic case and sealed with an inorganic silica filler. This design provides
a resistor with high insulation resistance, low surface temperature, excellent T.C.R., and
entirely fire proof construction. These resistors are ideally suited to a range of areas where low
cost, and efficient thermal performance are important design criteria. Metal film cores adjusted
by laser spiral are used where the resistor value is above that suited to wire. Similar
performance is obtained although short time overload is slightly derated.


Similar Part No. - SPSW201K0K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPSW201K0K ETC2-SPSW201K0K Datasheet
255Kb / 3P
   Type SQ Series
More results

Similar Description - SPSW201K0K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
   High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com