Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65512 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN65512
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN65512 Datasheet(HTML) 6 Page - Texas Instruments

  SN65512 Datasheet HTML 1Page - Texas Instruments SN65512 Datasheet HTML 2Page - Texas Instruments SN65512 Datasheet HTML 3Page - Texas Instruments SN65512 Datasheet HTML 4Page - Texas Instruments SN65512 Datasheet HTML 5Page - Texas Instruments SN65512 Datasheet HTML 6Page - Texas Instruments SN65512 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN65512C, SN75512C
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS054 − D3516, MAY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4−6
PARAMETER MEASUREMENT INFORMATION
CLOCK
DATA IN
VIH
VIL
VIH
VIL
tw
tw
th
tsu
1.5 V
Valid
Figure 1. Input Timing Voltage Waveforms
tTLH
10%
90%
10%
1.5 V
≤ 30 ns
≤ 30 ns
tTHL
VIH
VIL
tDLH
tDLH
STROBE
Q Outputs
90%
Figure 2. Switching Time Voltage Waveforms


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn