Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65512 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN65512
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN65512 Datasheet(HTML) 4 Page - Texas Instruments

  SN65512 Datasheet HTML 1Page - Texas Instruments SN65512 Datasheet HTML 2Page - Texas Instruments SN65512 Datasheet HTML 3Page - Texas Instruments SN65512 Datasheet HTML 4Page - Texas Instruments SN65512 Datasheet HTML 5Page - Texas Instruments SN65512 Datasheet HTML 6Page - Texas Instruments SN65512 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN65512C, SN75512C
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS054 − D3516, MAY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4−4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC1 (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
VCC1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN65512C
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN75512C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES: 1. Voltage values are with respect to network GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
720 mW
585 mW
N
1150 mW
9.2 mW/
°C
736 mW
598 mW
recommended operating conditions
SN65512C
SN75512C
UNIT
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VCC1
5
15
5
15
V
Supply voltage, VCC2
0
60
0
60
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
High-level output current, IOH
−25
−25
mA
Low-level output current, IOL
VCC1 = 5 V
5
5
mA
Clock frequency, fclock
VCC1 = 15 V,
TA = 25°C
0
4
0
4
MHz
Clock frequency, fclock
VCC1 = 5 V,
TA = 25°C
0
1
0
1
MHz
Pulse duration, CLOCK high or low, tw
VCC1 = 15 V,
TA = 25°C
100
100
ns
Pulse duration, CLOCK high or low, tw
VCC1 = 5 V,
TA = 25°C
500
500
ns
Setup time, DATA IN before CLOCK
↑, tsu (see Figure 1)
VCC1 = 15 V,
TA = 25°C
100
100
ns
Setup time, DATA IN before CLOCK
↑, tsu (see Figure 1)
VCC1 = 5 V,
TA = 25°C
250
250
ns
Hold time, DATA IN after CLOCK
↑, th (see Figure 1)
VCC1 = 15 V,
TA = 25°C
50
50
ns
Hold time, DATA IN after CLOCK
↑, th (see Figure 1)
VCC1 = 5 V,
TA = 25°C
250
250
ns
Operating free-air temperature, TA
−40
85
0
70
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn