Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN100KT5541NT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN100KT5541NT
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN100KT5541NT Datasheet(HTML) 7 Page - Texas Instruments

  SN100KT5541NT Datasheet HTML 1Page - Texas Instruments SN100KT5541NT Datasheet HTML 2Page - Texas Instruments SN100KT5541NT Datasheet HTML 3Page - Texas Instruments SN100KT5541NT Datasheet HTML 4Page - Texas Instruments SN100KT5541NT Datasheet HTML 5Page - Texas Instruments SN100KT5541NT Datasheet HTML 6Page - Texas Instruments SN100KT5541NT Datasheet HTML 7Page - Texas Instruments SN100KT5541NT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN100KT5541DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
SN100KT5541NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
SN100KT5541NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Similar Part No. - SN100KT5541NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540DW TI1-SN100KT5540DW Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540NT TI1-SN100KT5540NT Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5542 TI1-SN100KT5542 Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN100KT5542DW TI1-SN100KT5542DW Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
More results

Similar Description - SN100KT5541NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5540 TI1-SN10KHT5540 Datasheet
105Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5538 TI1-SN10KHT5538 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5538 TI1-SN100KT5538 Datasheet
93Kb / 5P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5573 TI1-SN10KHT5573 Datasheet
119Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE TRANSPARENT LATCHES AND 3-STATE OUTPUTS
SN100KT5574 TI1-SN100KT5574 Datasheet
70Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574 TI-SN10KHT5574 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com