Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN100KT5541 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN100KT5541
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN100KT5541 Datasheet(HTML) 5 Page - Texas Instruments

  SN100KT5541 Datasheet HTML 1Page - Texas Instruments SN100KT5541 Datasheet HTML 2Page - Texas Instruments SN100KT5541 Datasheet HTML 3Page - Texas Instruments SN100KT5541 Datasheet HTML 4Page - Texas Instruments SN100KT5541 Datasheet HTML 5Page - Texas Instruments SN100KT5541 Datasheet HTML 6Page - Texas Instruments SN100KT5541 Datasheet HTML 7Page - Texas Instruments SN100KT5541 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
200
400
600
800
1000
0
100
80
60
40
20
0
Air Velocity − linear ft/min
Junction-to-Ambient
Thermal Resistance
vs
Air Velocity
24-Pin DW Package
24-Pin NT Package
28-Pin DW Package
28-Pin NT Package
SN100KT5541
OCTAL ECLTOTTL TRANSLATOR
WITH 3STATE OUTPUTS
SDZS004A − NOVEMBER 1989 − REVISED MAY 1990
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
THERMAL INFORMATION
In digital system designs utilizing 100KT’ or 10KHT’
series
logic
level
translators,
good
thermal
management is an important consideration for proper
circuit performance and extended reliability. The size of
the
“small
outline”
package
makes
thermal
management even more important due to the increased
board and thermal densities.
The thermal resistances in Figure 1 can be used to
approximate typical and maximum virtual junction
temperatures for the SN100KT’ and SN10KHT’
translators. The junction temperature of these devices
may be estimated using Equation 1.
TJ = RΘJA (VCC • ICC + VEE • IEE + PDRIVER) + TA
(1)
where
TJ = virtual junction temperature
TA = ambient air temperature
RΘJA = thermal resistance, junction to ambient air
ICC = TTL level supply current (from the databook)
IEE = ECL supply current
VCC = TTL level suply voltage (5 V for typical, 5.5 V for maximum)
VEE = ECL level supply voltage:
SN10KHT’ − (− 5.2 V Typ, − 5.46 V Max)
SN100KHT’ − (− 54.5 V Typ, − 4.80 V Max)
PDRIVER = total power consumed by the output driver


Similar Part No. - SN100KT5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540DW TI1-SN100KT5540DW Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540NT TI1-SN100KT5540NT Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5542 TI1-SN100KT5542 Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN100KT5542DW TI1-SN100KT5542DW Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
More results

Similar Description - SN100KT5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5540 TI1-SN10KHT5540 Datasheet
105Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5538 TI1-SN10KHT5538 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5538 TI1-SN100KT5538 Datasheet
93Kb / 5P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5573 TI1-SN10KHT5573 Datasheet
119Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE TRANSPARENT LATCHES AND 3-STATE OUTPUTS
SN100KT5574 TI1-SN100KT5574 Datasheet
70Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
SN10KHT5574 TI-SN10KHT5574 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH D-TYPE EDGE-TRIGGERED FLIP-FLOPS AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com