Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN100KT5538 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN100KT5538
Description  OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN100KT5538 Datasheet(HTML) 4 Page - Texas Instruments

  SN100KT5538 Datasheet HTML 1Page - Texas Instruments SN100KT5538 Datasheet HTML 2Page - Texas Instruments SN100KT5538 Datasheet HTML 3Page - Texas Instruments SN100KT5538 Datasheet HTML 4Page - Texas Instruments SN100KT5538 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN100KT5538
OCTAL ECLTOTTL TRANSLATOR
WITH OPENCOLLECTOR OUTPUTS
SDZS011 − APRIL 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
−950 mV
−1690 mV
Test Point
R1
CL
(See Note A)
7 V
tPLH
tPHL
tPLH
VOLTAGE WAVEFORMS
TTL-INPUT PROPAGATION DELAY TIMES
VOH
VOH
VOL
VOL
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0
Input
(See Note B)
Out-of-Phase
Output
In-Phase
Output
tPLH
tPHL
tPHL
tPLH
VOLTAGE WAVEFORMS
ECL-INPUT PROPAGATION DELAY TIMES
VOH
VOH
VOL
VOL
50%
50%
1.5 V
1.5 V
1.5 V
1.5 V
Input
(See Note C)
Out-of-Phase
Output
In-Phase
Output
tPHL
R2
tr
tf
80%
20%
80%
20%
NOTES: A. CL includes probe and jig capacitance.
B. For TTL inputs, input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns.
C. For ECL inputs, input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 0.7 ns,
tf ≤ 0.7 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN100KT5538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5539DW TI1-SN100KT5539DW Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5539NT TI1-SN100KT5539NT Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN100KT5538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN10KHT5538 TI1-SN10KHT5538 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5540 TI1-SN100KT5540 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5540 TI1-SN10KHT5540 Datasheet
105Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com