Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR106 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCR106
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR106 Datasheet(HTML) 3 Page - Motorola, Inc

  MCR106 Datasheet HTML 1Page - Motorola, Inc MCR106 Datasheet HTML 2Page - Motorola, Inc MCR106 Datasheet HTML 3Page - Motorola, Inc MCR106 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCR106 Series
3
Motorola Thyristor Device Data
IT(AV), AVERAGE FORWARD CURRENT (AMP)
50
70
90
110
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
α
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
82
30
0
π
f = 60 Hz
0
dc
α = 30° 60° 90° 180°
f = 60 Hz
0
α
110
106
102
98
94
90
86
IT(AV), AVERAGE FORWARD CURRENT (AMP)
90
°
60
°
α = 30°
dc
180
°
120
°
π
FIGURE 1 – MAXIMUM CASE TEMPERATURE
FIGURE 2 – MAXIMUM AMBIENT TEMPERATURE
CURRENT DERATING


Similar Part No. - MCR106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR106 ONSEMI-MCR106 Datasheet
57Kb / 4P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2005 ??Rev. 4
logo
Unisonic Technologies
MCR106 UTC-MCR106 Datasheet
86Kb / 3P
   REVERSE BLOCKING TRIODE THYRISTORS
MCR106 UTC-MCR106 Datasheet
165Kb / 3P
   REVERSE BLOCKING TRIODE THYRISTORS
logo
Digitron Semiconductors
MCR106 DIGITRON-MCR106 Datasheet
237Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
HAOPIN MICROELECTRONICS...
MCR106 HAOPIN-MCR106 Datasheet
159Kb / 4P
   Blocking voltage to 400 V
More results

Similar Description - MCR106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com