Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR106 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCR106
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR106 Datasheet(HTML) 2 Page - Motorola, Inc

  MCR106 Datasheet HTML 1Page - Motorola, Inc MCR106 Datasheet HTML 2Page - Motorola, Inc MCR106 Datasheet HTML 3Page - Motorola, Inc MCR106 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR106 Series
2
Motorola Thyristor Device Data
MAXIMUM RATINGS — continued
Rating
Symbol
Value
Unit
Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque(1)
6
in. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
3
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
75
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and RGK = 1000 Ohms unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM)
TJ = 25°C
TJ = 110°C
IDRM, IRRM
10
200
µA
µA
Forward “On” Voltage
(ITM = 4 A Peak)
VTM
2
Volts
Gate Trigger Current (Continuous dc)(2)
(VAK = 7 Vdc, RL = 100 Ohms)
(VAK = 7 Vdc, RL = 100 Ohms, TC = –40°C)
IGT
200
500
µA
Gate Trigger Voltage (Continuous dc)
(VAK = 7 Vdc, RL = 100 Ohms, TC = 25°C)
VGT
1
Volts
Gate Non-Trigger Voltage
(VAK = Rated VDRM, RL = 100 Ohms, TJ = 110°C)
VGD
0.2
Volts
Holding Current
(VAK = 7 Vdc, TC = 25°C)
IH
5
mA
Forward Voltage Application Rate
(TJ = 110°C)
dv/dt
10
V/
µs
1. Torque rating applies with use of compression washer (B52200-F006 or equivalent). Mounting torque in excess of 6 in. lb. does not
appreciably lower case-to-sink thermal resistance. Anode lead and heatsink contact pad are common. (See AN209B).
For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200
°C. For optimum
results, an activated flux (oxide removing) is recommended.
2. RGK current is not included in measurement.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12DCMSilicon Controlled Rectifiers 1 2 3 4 5 MoreMotorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn