Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR106 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCR106
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR106 Datasheet(HTML) 1 Page - Motorola, Inc

  MCR106 Datasheet HTML 1Page - Motorola, Inc MCR106 Datasheet HTML 2Page - Motorola, Inc MCR106 Datasheet HTML 3Page - Motorola, Inc MCR106 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
PNPN devices designed for high volume consumer applications such as
temperature, light and speed control; process and remote control, and warning
systems where reliability of operation is important.
• Glass-Passivated Surface for Reliability and Uniformity
• Power Rated at Economical Prices
• Practical Level Triggering and Holding Characteristics
• Flat, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(TJ = 110°C, RGK = 1 kΩ)
MCR106-2
MCR106-3
MCR106-4
MCR106-6
MCR106-8
VDRM
and
VRRM
60
100
200
400
600
Volts
RMS Forward Current
(All Conduction Angles)
IT(RMS)
4
Amps
Average Forward Current
TC = 93°C
TA = 30°C
or
IT(AV)
2.55
Amps
Peak Non-repetitive Surge Current
(1/2 Cycle, 60 Hz, TJ = –40 to +110°C)
ITSM
25
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
2.6
A2s
Peak Gate Power
PGM
0.5
Watt
Average Gate Power
PG(AV)
0.1
Watt
Peak Forward Gate Current
IGM
0.2
Amp
Peak Reverse Gate Voltage
VRGM
6
Volts
Operating Junction Temperature Range
TJ
–40 to +110
°C
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage;
(cont.)
however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages
shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MCR106/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MCR106
Series
SCRs
4 AMPERES RMS
60 thru 600 VOLTS
CASE 77-08
(TO-225AA)
STYLE 2
K
G
A
G
A
K
A
*
*Motorola preferred devices
except MCR106–3


Similar Part No. - MCR106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR106 ONSEMI-MCR106 Datasheet
57Kb / 4P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2005 ??Rev. 4
logo
Unisonic Technologies
MCR106 UTC-MCR106 Datasheet
86Kb / 3P
   REVERSE BLOCKING TRIODE THYRISTORS
MCR106 UTC-MCR106 Datasheet
165Kb / 3P
   REVERSE BLOCKING TRIODE THYRISTORS
logo
Digitron Semiconductors
MCR106 DIGITRON-MCR106 Datasheet
237Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
HAOPIN MICROELECTRONICS...
MCR106 HAOPIN-MCR106 Datasheet
159Kb / 4P
   Blocking voltage to 400 V
More results

Similar Description - MCR106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com