Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVCP600 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP600
Description  6.0 Gbps SATA PC Board and Cable Equalizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP600 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LVCP600 Datasheet HTML 3Page - Texas Instruments SN75LVCP600 Datasheet HTML 4Page - Texas Instruments SN75LVCP600 Datasheet HTML 5Page - Texas Instruments SN75LVCP600 Datasheet HTML 6Page - Texas Instruments SN75LVCP600 Datasheet HTML 7Page - Texas Instruments SN75LVCP600 Datasheet HTML 8Page - Texas Instruments SN75LVCP600 Datasheet HTML 9Page - Texas Instruments SN75LVCP600 Datasheet HTML 10Page - Texas Instruments SN75LVCP600 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN75LVCP600DRF
www.ti.com
SLLSE63 – DECEMBER 2010
RECOMMENDED OPERATING CONDITIONS
typical values for all parameters are at VCC = 3.3 V and TA = 25°C; all temperature limits are specified by design
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply voltage
3
3.3
3.6
V
CCOUPLING
Coupling capacitor
12
nF
TA
Operating free-air temperature
0
85
°C
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
DEVICE PARAMETERS
ICCMax
Active mode supply current
EQ/DE = NC, K28.5 pattern at 6 Gbps, VID = 700 mVpp
29
40
mA
ICCPS
Auto power save mode ICC
When auto low power conditions are met
3.3
5.9
mA
Maximum data rate
6.0
Gbps
tPDelay
Propagation delay
Measured using K28.5 pattern, See Figure 8
275
350
ps
AutoLPENTRY Auto low power entry time
Electrical idle at input, See Figure 10
11
ms
AutoLPEXIT
Auto low power exit time
After first signal activity, See Figure 10
33
50
ns
OOB
VOOB
Input OOB threshold
F = 750 MHz
50
70
90
mVpp
DVdiffOOB
OOB differential delta
25
mV
DVCMOOB
OOB common-mode delta
50
mV
tOOB1
OOB mode enter
See Figure 9
1
5
ns
tOOB2
OOB mode exit
See Figure 9
1
5
ns
CONTROL LOGIC
VIH
High-level input voltage
For all control pins
1.4
V
VIL
Low-level input voltage
0.5
V
VINHYS
Input hysteresis
115
mV
IIH
High-level input current
VIH = VCC (DE/EQ)
20
mA
IIL
Low-level input current
VIL = 0V (DE/EQ)
10
mA
RECEIVER AC/DC
ZDIFFRX
Differential input impedance
85
100
115
ZSERX
Single-ended input impedance
40
VCMRX
Common-mode voltage
1.7
V
f = 150 MHz–300 MHz
18
26
f = 300 MHz–600 MHz
14
22
Differential mode return loss
RLDiffRX
f = 600 MHz–1.2 GHz
10
17
dB
(RL)
f = 1.2 GHz–2.4 GHz
8
12
f = 2.4 GHz–3.0 GHz
3
11
RXDiffRLSlope
Differential mode RL slope
f = 300 MHz–6.0 GHz (see Figure 6)
–13
dB/dec
f = 150 MHz–300 MHz
5
9.4
f = 300 MHz–600 MHz
5
17
RLCMRX
Common-mode return loss
f = 600 MHz–1.2 GHz
2
18
dB
f = 1.2 GHz–2.4 GHz
1
9.9
f = 2.4 GHz–3.0 GHz
1
8.6
VdiffRX
Differential input voltage PP
f = 1.5 GHz and 3.0 GHz
120
1600
mV/ppd
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN75LVCP600DRF


Similar Part No. - SN75LVCP600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600SDSKR TI1-SN75LVCP600SDSKR Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600SDSKT TI1-SN75LVCP600SDSKT Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
More results

Similar Description - SN75LVCP600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com