Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LV4735 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LV4735
Description  3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LV4735 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LV4735 Datasheet HTML 3Page - Texas Instruments SN75LV4735 Datasheet HTML 4Page - Texas Instruments SN75LV4735 Datasheet HTML 5Page - Texas Instruments SN75LV4735 Datasheet HTML 6Page - Texas Instruments SN75LV4735 Datasheet HTML 7Page - Texas Instruments SN75LV4735 Datasheet HTML 8Page - Texas Instruments SN75LV4735 Datasheet HTML 9Page - Texas Instruments SN75LV4735 Datasheet HTML 10Page - Texas Instruments SN75LV4735 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN75LV4735
3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SLLS135E – FEBRUARY 1992 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
18
19
21
22
26
27
28
11
10
8
1
2
3
4
7
DIN1 (TTL In)
ROUT1 (TTL Out)
ROUT2 (TTL Out)
RIN1 (EIA / TIA-232 In)
DOUT1 (EIA / TIA-232 Out)
DIN2 (TTL In)
DOUT2 (EIA / TIA-232 Out)
RIN2 (EIA / TIA-232 In)
20
9
DIN3 (TTL In)
DOUT3 (EIA / TIA-232 Out)
16
17
13
12
ROUT3 (TTL Out)
ROUT4 (TTL Out)
RIN3 (EIA / TIA-232 In)
RIN4 (EIA / TIA-232 In)
15
14
ROUT5 (TTL Out)
RIN5 (EIA / TIA-232 In)
23
24
5
6
25
C2
+
+
C3
Mode
Control
Logic
C1
+
VDD
C2 +
VCC
C2 –
C1 +
C3+
GND
C3 –
VSS
C1 –
STBY
GND
VCC
VCC
VCC
C4
+
C5
5 V
+
Figure 1. Typical Operating Circuit


Similar Part No. - SN75LV4735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI1-SN75LV4737A Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737ADB TI-SN75LV4737ADB Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737ADB TI1-SN75LV4737ADB Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737ADBE4 TI1-SN75LV4737ADBE4 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results

Similar Description - SN75LV4735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
164Kb / 10P
   3.3 V, Single Channel RS-232 Line Driver/Receiver
Rev. PrD
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com