Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN6BS00 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN6BS00
Description  Hi-Density LCD Driver with 8-bit Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN6BS00 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN6BS00 Datasheet HTML 3Page - SONiX Technology Company SN6BS00 Datasheet HTML 4Page - SONiX Technology Company SN6BS00 Datasheet HTML 5Page - SONiX Technology Company SN6BS00 Datasheet HTML 6Page - SONiX Technology Company SN6BS00 Datasheet HTML 7Page - SONiX Technology Company SN6BS00 Datasheet HTML 8Page - SONiX Technology Company SN6BS00 Datasheet HTML 9Page - SONiX Technology Company SN6BS00 Datasheet HTML 10Page - SONiX Technology Company SN6BS00 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN6B000
Hi-Density LCD Driver with 8-bit Controller
December 20, 2000
7
APPLICATION CIRCUIT
MC mode with 2048-dot (64 seg X 32 com, 1/7 bias) LCD
Clock: RC type (CPU frequency: 2MHZ)
No low speed clock
Speaker voice output


Similar Part No. - SN6BS00

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SN600-PTR GAMEWELL-FCI-SN600-PTR Datasheet
135Kb / 2P
   Network parallel printer, 120 VAC power
logo
ML Accessories Limited....
SN6000 KNIGHTSBRIDGE-SN6000 Datasheet
168Kb / 1P
   13A Fused Spur Unit
25/03/2024
SN6000-3A KNIGHTSBRIDGE-SN6000-3A Datasheet
168Kb / 1P
   13A Fused Spur Unit with 3A Fuse Fitted
25/03/2024
SN6000N KNIGHTSBRIDGE-SN6000N Datasheet
183Kb / 1P
   13A Fused Spur Unit with Neon
25/03/2024
logo
List of Unclassifed Man...
SN60PB40 ETC2-SN60PB40 Datasheet
150Kb / 2P
   Product Information 44
More results

Similar Description - SN6BS00

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
   8--bit LCD Controller/Driver with SPU
GPLB62P200UA1 GENERALPLUS-GPLB62P200UA1 Datasheet
952Kb / 23P
   8--Bit LCD Controller//Driver with SPU
logo
Megawin Technology Co.,...
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
   8-bit micro-controller with 260 dots LCD driver
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
   8-bit micro-controller with 160 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
   8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
   8-Bit micro-controller with 1120 dots LCD driver
MLC650A MEGAWIN-MLC650A Datasheet
27Kb / 2P
   8-bit micro-controller with 512 dots LCD driver
MLC510A MEGAWIN-MLC510A Datasheet
33Kb / 1P
   8-bit micro-controller with 160 dots LCD driver
MLC822A MEGAWIN-MLC822A Datasheet
35Kb / 2P
   8-Bit micro-controller with 660 dots LCD Driver
logo
Finechips
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com