Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS1711 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS1711
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS1711 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS1711 Datasheet HTML 1Page - Texas Instruments SN75ALS1711 Datasheet HTML 2Page - Texas Instruments SN75ALS1711 Datasheet HTML 3Page - Texas Instruments SN75ALS1711 Datasheet HTML 4Page - Texas Instruments SN75ALS1711 Datasheet HTML 5Page - Texas Instruments SN75ALS1711 Datasheet HTML 6Page - Texas Instruments SN75ALS1711 Datasheet HTML 7Page - Texas Instruments SN75ALS1711 Datasheet HTML 8Page - Texas Instruments SN75ALS1711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN75ALS1711
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS117B – APRIL 1991 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VO
Output voltage
IO = 0
0
6
V
VOD1
Differential output voltage
IO = 0
1.5
5
V
VOD2
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
5
V
VOD3
Differential output voltage
See Note 3 and Figure 2
1.5
5
V
∆|VOD| Change in magnitude of differential output voltage‡
RL = 54 Ω,
See Figure 1
±0.2
V
VOC
Common-mode output voltage
RL = 54 Ω,
See Figure 1
3
–1
V
∆|VOC|
Change in magnitude of common-mode output
voltage‡
RL = 54 Ω,
See Figure 1
±0.2
V
IOZ
High impedance state output current
Output disabled,
VO = 12 V
1
mA
IOZ
High-impedance state output current
,
VCC = 5.25 V
VO = 7 V
– 0.8
mA
IIH
High-level input current, DE, EN, CDE
VIH = 2.4 V
20
µA
IIL
Low-level input current, DE, EN, CDE
VIL = 0.4 V
– 200
µA
IOS
Short circuit output current
VO = 12 V
– 250
mA
IOS
Short-circuit output current
VO = 7 V
250
mA
ICC
Supply current
No load
Outputs enabled
48
72
mA
ICC
Supply current
No load
Outputs disabled
30
48
mA
† All typical values are at VCC = 5 V and TA = 25°C.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
NOTE 3: This applies for both power on and off; refer to ANSI Standard RS-485 for exact conditions.
switching characteristics, VCC = 5 V ± 5%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Differential propagation delay time, low- to high-level output
RL = 54 Ω,
CL = 100 pF,
8
13
22
ns
tPHL
Differential propagation delay time, high- to low-level output
L
,
See Figure 3
L
,
8
15
22
ns
tPZH
Output enable time to high level
S1 open,
30
50
60
tPHZ
Output disable time from high level
RL = 110 Ω,
,
S2 closed
4
16
30
ns
tPZL
Output enable time to low level
L
See Figure 4
S1 closed,
16
26
45
ns
tPLZ
Output disable time from low level
S2 open
4
8
20


Similar Part No. - SN75ALS1711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171A TI-SN75ALS171A Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171A TI-SN75ALS171A Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171ADW TI-SN75ALS171ADW Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS1711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170 TI-SN75ALS170 Datasheet
243Kb / 15P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170 TI-SN75ALS170_08 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com