Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN6B000 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN6B000
Description  Hi-Density LCD Driver with 8-bit Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN6B000 Datasheet(HTML) 5 Page - SONiX Technology Company

  SN6B000 Datasheet HTML 1Page - SONiX Technology Company SN6B000 Datasheet HTML 2Page - SONiX Technology Company SN6B000 Datasheet HTML 3Page - SONiX Technology Company SN6B000 Datasheet HTML 4Page - SONiX Technology Company SN6B000 Datasheet HTML 5Page - SONiX Technology Company SN6B000 Datasheet HTML 6Page - SONiX Technology Company SN6B000 Datasheet HTML 7Page - SONiX Technology Company SN6B000 Datasheet HTML 8Page - SONiX Technology Company SN6B000 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN6B000
Hi-Density LCD Driver with 8-bit Controller
December 20, 2000
5
ABSOLUTE MAXIMUM RATINGS
(All of the voltages referenced to Vss)
Supply voltage (Vdd)
- 0.3V ~ 6.0V
Input in voltage (Vin) Vss
- 0.2V ~ Vdd + 0.2V
Operating ambient temperature (Topr)
0
°C ~ + 70°C
Storage ambient temperature (Tstor)
-30
°C ~ + 125°C
Power consumption (Pc)
500 mW
ELECTRICAL CHARACTERISTICS
SN6B000
PARAMETER
SYM.
DESCRIPTION
MIN.
TYP.
MAX. UNIT
Operating voltage
Vdd
3.9
-
5.1
V
Operating current
IddH Vdd = 5.0V, I/O pin unload, normal
mode
-1
-
mA
Idds Vdd = 5.0V,I/O pin unload, slow
mode
-15
-
uA
Istby Vdd = 5.0V,I/O pin unload, stop
mode
--
1
uA
Reset, TEST pin
ViH
0.7Vdd
-
-
V
input voltage
ViL
-
-
0.3Vss
Reset, TEST leakage
current
ILekg Vin = Vdd
-
-
1
uA
I/P port input voltage
ViH
0.8Vdd
-
-
V
ViL
-
-
0.2Vss
I/P port pull-up resistor
Rup Vin = Vss
-
150
-
K
I/P port input leakage
current
Ilekg Pull-up resistor disable, Vin = Vdd
-
-
1
uA
Port0,1 output source
Current
IoH Vop = Vdd - 0.5V
1
2
-
mA
Port0,1 output sink
Current
IoL Vop = Vss + 0.5V
2
4
-
mA
LCD supply voltage
Vlcd
-
-
6.5
V
LCD frame frequency
Flcd
-
64/128
-
Hz
Vo output Current
Ivo DA output current
-
3
4
mA
BU1,BU2 Driving
Current
IdBU PWM driving current ability.
VBU1/BU2=2.5V
-60
-
mA
BU1,BU2 Sinking
Current
IsBU PWM sinking current ability.
VBU1/BU2=2.5V
-60
-
mA
INTP0 trigger pulse
width
Tint01 P0.0 ~ P0.2 Interrupt request pulse
width
1/fcpu
-
-
S
Oscillator frequency
fHxosc Rosc=300K
-2
-
MHz


Similar Part No. - SN6B000

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SN600-PTR GAMEWELL-FCI-SN600-PTR Datasheet
135Kb / 2P
   Network parallel printer, 120 VAC power
logo
ML Accessories Limited....
SN6000 KNIGHTSBRIDGE-SN6000 Datasheet
168Kb / 1P
   13A Fused Spur Unit
25/03/2024
SN6000-3A KNIGHTSBRIDGE-SN6000-3A Datasheet
168Kb / 1P
   13A Fused Spur Unit with 3A Fuse Fitted
25/03/2024
SN6000N KNIGHTSBRIDGE-SN6000N Datasheet
183Kb / 1P
   13A Fused Spur Unit with Neon
25/03/2024
logo
List of Unclassifed Man...
SN60PB40 ETC2-SN60PB40 Datasheet
150Kb / 2P
   Product Information 44
More results

Similar Description - SN6B000

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
   8--bit LCD Controller/Driver with SPU
GPLB62P200UA1 GENERALPLUS-GPLB62P200UA1 Datasheet
952Kb / 23P
   8--Bit LCD Controller//Driver with SPU
logo
Megawin Technology Co.,...
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
   8-bit micro-controller with 260 dots LCD driver
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
   8-bit micro-controller with 160 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
   8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
   8-Bit micro-controller with 1120 dots LCD driver
MLC650A MEGAWIN-MLC650A Datasheet
27Kb / 2P
   8-bit micro-controller with 512 dots LCD driver
MLC510A MEGAWIN-MLC510A Datasheet
33Kb / 1P
   8-bit micro-controller with 160 dots LCD driver
MLC822A MEGAWIN-MLC822A Datasheet
35Kb / 2P
   8-Bit micro-controller with 660 dots LCD Driver
logo
Finechips
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com