Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTU32866AZKER Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74SSTU32866AZKER
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTU32866AZKER Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74SSTU32866AZKER Datasheet HTML 6Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 7Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 8Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 9Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 10Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 11Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 12Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 13Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SN74SSTU32866A
25BIT CONFIGURABLE REGISTERED BUFFER
WITH ADDRESSPARITY TEST
SCAS803A − JUNE 2005 − REVISED NOVEMBER 2007
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram for 1:2 register-B configuration (positive logic); C0 = 1, C1 = 1
D
CLK
R
To 10 Other Channels (D2−D6, D8−D10, D12−D13)
G2
RESET
J1
CLK
H1
CLK
A3, T3
VREF
T1
D14 (DCKE)
D
CLK
R
N1
D11 (DODT)
D
CLK
R
H2
D7 (DCS)
J2
CSR
D
CLK
R
LPS1
(internal node)
LPS0
(internal node)
A5
Q14A (QCKEA)
A6
Q14B (QCKEB)
D5
Q11A (QODTA)
D6
Q11B (QODTB)
H5
Q7A (QCSA)
H6
Q7B (QCSB)
A1
D1
D
CLK
R
A5
Q1A
A6
Q1B
One of Eleven Channels
CE
Q
Q
Q
Q
Q


Similar Part No. - SN74SSTU32866AZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866GKER TI-SN74SSTU32866GKER Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866ZKER TI-SN74SSTU32866ZKER Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - SN74SSTU32866AZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_V01 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32866A TI-74SSTUB32866A Datasheet
1Mb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866_17 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTEB32866 TI1-SN74SSTEB32866 Datasheet
1Mb / 37P
[Old version datasheet]   1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
   1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com