Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF10ACN Datasheet(PDF) 10 Page - Texas Instruments

Part No. MF10ACN
Description  Universal Monolithic Dual Switched Capacitor Filter
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

MF10ACN Datasheet(HTML) 10 Page - Texas Instruments

Back Button MF10ACN Datasheet HTML 6Page - Texas Instruments MF10ACN Datasheet HTML 7Page - Texas Instruments MF10ACN Datasheet HTML 8Page - Texas Instruments MF10ACN Datasheet HTML 9Page - Texas Instruments MF10ACN Datasheet HTML 10Page - Texas Instruments MF10ACN Datasheet HTML 11Page - Texas Instruments MF10ACN Datasheet HTML 12Page - Texas Instruments MF10ACN Datasheet HTML 13Page - Texas Instruments MF10ACN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1.0 Definition of Terms (Continued)
H
OLP: the gain (in V/V) of the lowpass output as f → 0Hz
(
Figure 2).
H
OHP: the gain (in V/V) of the highpass output as f → fCLK/2
(
Figure 3).
H
ON: the gain (in V/V) of the notch output as f → 0 Hz and as
f → f
CLK/2, when the notch filter has equal gain above and
below
the
center
frequency
(
Figure
4).
When
the
low-frequency gain differs from the high-frequency gain, as
in modes 2 and 3a (
Figure 11 and Figure 8), the two quan-
tities below are used in place of H
ON.
H
ON1: the gain (in V/V) of the notch output as f → 0 Hz.
H
ON2: the gain (in V/V) of the notch output as f → fCLK/2.
01039905
(a)
01039906
(b)
01039956
FIGURE 1. 2nd-Order Bandpass Response
www.national.com
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn