Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF10ACN Datasheet(PDF) 5 Page - Texas Instruments

Part No. MF10ACN
Description  Universal Monolithic Dual Switched Capacitor Filter
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

MF10ACN Datasheet(HTML) 5 Page - Texas Instruments

  MF10ACN Datasheet HTML 1Page - Texas Instruments MF10ACN Datasheet HTML 2Page - Texas Instruments MF10ACN Datasheet HTML 3Page - Texas Instruments MF10ACN Datasheet HTML 4Page - Texas Instruments MF10ACN Datasheet HTML 5Page - Texas Instruments MF10ACN Datasheet HTML 6Page - Texas Instruments MF10ACN Datasheet HTML 7Page - Texas Instruments MF10ACN Datasheet HTML 8Page - Texas Instruments MF10ACN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Logic Input Characteristics (Continued)
Boldface limits apply for T
MIN to TMAX; all other limits TA =TJ = 25˚C
MF10ACN, MF10CCN,
MF10CCWM
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
Min Logical “1”
V
+ = +10V, V= 0V,
+2.0
+2.0
V
Max Logical “0”
V
LSh = 0V
+0.8
+0.8
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
or V
IN > V
+) the absolute value of current at that pin should be limited
to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply boundaries witha5mA current limit to four.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device,
TJMAX = 125˚C, and the typical junction-to-ambient thermal resistance of the MF10ACN/CCN when board mounted is 55˚C/W. For the MF10AJ/CCJ, this number
increases to 95˚C/W and for the MF10ACWM/CCWM this number is 66˚C/W.
Note 4: The accuracy of the Q value is a function of the center frequency (fO). This is illustrated in the curves under the heading “Typical Performance
Characteristics”.
Note 5: VOS1,VOS2, and VOS3 refer to the internal offsets as discussed in the Applications Information Section 3.4.
Note 6: For ±5V supplies the dynamic range is referenced to 2.82V rms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 200 µV rms for
the MF10 with a 50:1 CLK ratio and 280 µV rms for the MF10 with a 100:1 CLK ratio.
Note 7: The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then shorting that output
to the negative supply. The short circuit sink current is measured by forcing the output that is being tested to its maximum negative voltage swing and then shorting
that output to the positive supply. These are the worst case conditions.
Note 8: Typicals are at 25˚C and represent most likely parametric norm.
Note 9: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Design limits are guaranteed but not 100% tested. These limits are not used to calculate outgoing quality levels.
Note 11: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn