Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF10ACN Datasheet(PDF) 4 Page - Texas Instruments

Part No. MF10ACN
Description  Universal Monolithic Dual Switched Capacitor Filter
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

MF10ACN Datasheet(HTML) 4 Page - Texas Instruments

  MF10ACN Datasheet HTML 1Page - Texas Instruments MF10ACN Datasheet HTML 2Page - Texas Instruments MF10ACN Datasheet HTML 3Page - Texas Instruments MF10ACN Datasheet HTML 4Page - Texas Instruments MF10ACN Datasheet HTML 5Page - Texas Instruments MF10ACN Datasheet HTML 6Page - Texas Instruments MF10ACN Datasheet HTML 7Page - Texas Instruments MF10ACN Datasheet HTML 8Page - Texas Instruments MF10ACN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Electrical Characteristics (Continued)
V
+ = +5.00V and V= −5.00V unless otherwise specified. Boldface limits apply for T
MIN to TMAX; all other limits TA =TJ =
25˚C.
MF10ACN, MF10CCN,
MF10CCWM
Symbol
Parameter
Conditions
Typical
Tested
Design
Units
(Note
8)
Limit
Limit
(Note
9)
(Note
10)
(Note 5)
Max
(f
CLK/fO =
50)
−85
−85
Min
V
pin12 = +5V
S
A/B =V
−70
mV
Max
(f
CLK/fO =
50)
V
OS3
DC Offset Voltage
Min
V
pin12 = +5V
All Modes
−70
−100
−100
mV
(Note 5)
Max
(f
CLK/fO =
50)
−20
−20
V
OS2
DC Offset Voltage
V
pin12 =0V
S
A/B =V
+
−300
mV
(Note 5)
(f
CLK/fO =
100)
V
pin12 =0V
S
A/B =V
−140
mV
(f
CLK/fO =
100)
V
OS3
DC Offset Voltage
V
pin12 = 0V
All Modes
−140
mV
(Note 5)
(f
CLK/fO =
100)
V
OUT
Minimum Output
BP, LP Pins
R
L =5k
±4.25
±3.8
±3.8
V
Voltage Swing
N/AP/HP
Pin
R
L = 3.5k
±4.25
±3.8
±3.8
V
GBW
Op Amp Gain BW Product
2.5
MHz
SR
Op Amp Slew Rate
7
V/µs
Dynamic Range(Note 6)
V
pin12 = +5V
(f
CLK/fO = 50)
83
dB
V
pin12 =0V
(f
CLK/fO = 100)
80
dB
I
SC
Maximum Output Short
Source
20
mA
Circuit Current
(Note 7)
Sink
3.0
mA
Logic Input Characteristics
Boldface limits apply for T
MIN to TMAX; all other limits TA =TJ = 25˚C
MF10ACN, MF10CCN,
MF10CCWM
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
CMOS Clock
Min Logical “1”
V
+ = +5V, V= −5V,
+3.0
+3.0
V
Input Voltage
Max Logical “0”
V
LSh = 0V
−3.0
−3.0
V
Min Logical “1”
V
+ = +10V, V= 0V,
+8.0
+8.0
V
Max Logical “0”
V
LSh = +5V
+2.0
+2.0
V
TTL Clock
Min Logical “1”
V
+ = +5V, V= −5V,
+2.0
+2.0
V
Input Voltage
Max Logical “0”
V
LSh = 0V
+0.8
+0.8
V
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn