Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTUB32864ZKER Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74SSTUB32864ZKER
Description  25-BIT CONFIGURABLE REGISTERED BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTUB32864ZKER Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74SSTUB32864ZKER Datasheet HTML 5Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 6Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 7Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 8Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 9Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 10Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 11Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 12Page - Texas Instruments SN74SSTUB32864ZKER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
SN74SSTUB32864
SCAS791A – OCTOBER 2006 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
ELECTRICAL
DESCRIPTION
NAME
CHARACTERISTICS
GND
Ground
Ground input
VCC
Power-supply voltage
1.8 V nominal
VREF
Input reference voltage
0.9 V nominal
CLK
Positive master clock input
Differential input
CLK
Negative master clock input
Differential input
C0, C1
Configuration control input. Register A or Register B and 1:1 mode or 1:2 mode select.
LVCMOS inputs
RESET
Asynchronous reset input. Resets registers and disables VREF, data, and clock differential-input
LVCMOS input
receivers. When RESET is low, all Q outputs are forced low and the QERR output is forced high.
D1-D25
Data input. Clocked in on the crossing of the rising edge of CLK and the falling edge of CLK.
SSTL_18 inputs
CSR, DCS
Chip select inputs. Disables D1–D25(1) outputs switching when both inputs are high
SSTL_18 inputs
DODT
The outputs of this register bit will not be suspended by the DCS and CSR control.
SSTL_18 input
DCKE
The outputs of this register bit will not be suspended by the DCS and CSR control.
SSTL_18 input
Q1–Q25(2)
Data outputs that are suspended by the DCS and CSR control.
1.8 V CMOS outputs
QCS
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
QODT
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
QCKE
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
NC
No internal connection
DNU
Do not use. Inputs are in standby-equivalent mode, and outputs are driven low.
(1)
Data inputs = D2, D3, D5, D6, D8-D25 when C0 = 0 and C1 = 0
Data inputs = D2, D3, D5, D6, D8-D14 when C0 = 0 and C1 = 1
Data inputs = D1-D6, D8-D10, D12, D13 when C0 = 1 and C1 = 1.D
(2)
Data outputs = Q2, Q3, Q5, Q6, Q8-Q25 when C0 = 0 and C1 = 0
Data outputs = Q2, Q3, Q5, Q6, Q8-Q14 when C0 = 0 and C1 = 1
Data outputs = Q1-Q6, Q8-Q10, Q12, Q13 when C0 = 1 and C1 = 1.
FUNCTION TABLE
INPUTS
OUTPUTS
RESET
DCS
CSR
CLK
CLK
Dn
Qn
H
L
X
L
L
H
L
X
H
H
H
X
L
L
L
H
X
L
H
H
H
H
H
X
Q0
H
X
X
L or H
L or H
X
Q0
L
X or Floating X or Floating
X or Floating
X or Floating
X or Floating
L
FUNCTION TABLE
INPUTS
OUTPUTS
RESET
CLK
CLK
DCKE, DCS, DODT QCKE, QCS, QODT
H
H
H
H
L
L
H
L or H
L or H
X
Q0
L
X or Floating
X or Floating
X or Floating
L
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74SSTUB32864


Similar Part No. - SN74SSTUB32864ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32864ZKER TI-SN74SSTUB32864ZKER Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
More results

Similar Description - SN74SSTUB32864ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866C IDT-ICSSSTUAF32866C Datasheet
638Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32866B RENESAS-IDT74SSTUBF32866B Datasheet
818Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com