Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS260S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # TS260S
Description  MICRO SURFACE MOUNT SCHOTTKY BRIDGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS260S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  TS260S Datasheet HTML 1Page - Pan Jit International Inc. TS260S Datasheet HTML 2Page - Pan Jit International Inc. TS260S Datasheet HTML 3Page - Pan Jit International Inc. TS260S Datasheet HTML 4Page - Pan Jit International Inc. TS260S Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 24,2012-REV.00
TS260S
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
VOLTAGE
60 Volts
CURRENT
2 Amperes
MECHANICAL DATA
PAR AME T E R
S YMB OL
T S 2 6 0 S
U N IT S
Ma xi mum Re c urre nt P e a k Re ve rse Vo lta g e
V
RRM
6 0
V
Ma xi mum RMS Vo lta g e
V
RM S
4 2
V
Ma xi mum D C B lo ck i ng Vo lta g e
V
R
6 0
V
Ma xi mum A ve ra g e F o rwa rd C urre nt
I
O
2
A
P e a k F o rwa rd S urg e C urre nt:8 .3 ms si ng l e ha l f s i ne -wa ve
sup e ri mp o s e d o n ra te d l o a d (JE D E C me tho d )
I
F S M
5 0
A
Typ i c a l The rma l Re si s ta nce , J uncti o n to A mb i e nt
(No te 2 )
Junc ti o n to C a s e
(No t e 1 )
R
 J A
R
 J L
2 1 0
3 3
OC /W
Op e ra ti ng Junc ti o n Te mp e ra ture a nd S to ra g e Te mp e ra ture Ra ng e
T
J, T S TG
-5 5 to +1 5 0
OC
0.012(0.30)
0.007(0.20)
0.006(0.15)
0.002(0.05)
0.203(5.15)
0.190(4.85)
+
-
0.0 28(0.7)
0.0 23(0.6)
0.1 62(4.10)
0.1 53(3.90)
NOTES:
1.semi-infinite heatsink.
2.Minimum pad for each lead on board
ABSOLUTE MAXIMUM RATINGS (TA=25oC unless otherwise noted)
• Case: Micro Dip Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.090 grams.


Similar Part No. - TS260S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
TS260S ZSELEC-TS260S Datasheet
143Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Pan Jit International I...
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - TS260S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS1100S PANJIT-TS1100S Datasheet
76Kb / 3P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS360ILS PANJIT-TS360ILS Datasheet
92Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS140S PANJIT-TS140S Datasheet
134Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
SDI260 PANJIT-SDI260 Datasheet
92Kb / 4P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S Datasheet
110Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com