Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD12LCFN2_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSD12LCFN2_R1_00001
Description  BI-DIRECTIONAL ESD PROTECTION DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD12LCFN2_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSD12LCFN2_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJSD12LCFN2_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJSD12LCFN2_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJSD12LCFN2_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJSD12LCFN2_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 21,2012-REV.00
PJSD12LCFN2
BI-DIRECTIONAL ESD PROTECTION DIODE
This bi-directional TVS has been designed to protect sensitive equipment against ESD and to prev ent
Latch-Up ev ents in CMOS circuitry operating at 12Vdc and below.This offers an integrated solution to
protect a single data line where the board space is a premium.
SPECIFICATION FEATURES
• 115W Power
(8/20s Waveform)
• Low Leakage Current, Maximum of
• Very low Clamping voltage
• IEC 61000-4-2 ESD +30kV air, +30kV Contact Compliance
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00004 ounces ,0.001 grams
• Case : DFN 2L, Plastic
• Marking : BX
APPLICATIONS
• Video I/O ports protection
• Set Top Boxes
• Portable Instrumentation
PIN NO.1
IDE NTIF ICATION
0.002(0.05)MA X.
0.013(0.32)
0.008(0.22)
0.042(1.05)
0.037(0.95)
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power (8/20 s Waveform)
PPP
115
W
Peak Pulse Current (8/20 s Waveform)
I PPM
5
A
ESD Voltage per IEC61000-4-2 (Contact)
VESD
+ 30
kV
ESD Voltage per IEC61000-4-2 (Air)
VESD
+ 30
kV
ESD Voltage (HBM)
VESD
+ 8
kV
Op e r a ti ng J unc ti o n a nd S to r ag e Te mp e r a ture Ra ng e
TJ,TS TG
-55 to +150
OC
0.1A@12Vdc
Dissipation


Similar Part No. - PJSD12LCFN2_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD12 PANJIT-PJSD12 Datasheet
57Kb / 4P
   400W LOW CLAMPING VOLTAGE SINGLE TVS FOR PROTECTION
PJSD12CW PANJIT-PJSD12CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PJSD12CW-AU PANJIT-PJSD12CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD12TG PANJIT-PJSD12TG Datasheet
179Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD12TG PANJIT-PJSD12TG Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJSD12LCFN2_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
   Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD05LCTM-AU PANJIT-PJSD05LCTM-AU Datasheet
179Kb / 5P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
   Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
   Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
   Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com