Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN6A296 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN6A296
Description  LCD Controller with Voice/Dual Tone Melody?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN6A296 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN6A296 Datasheet HTML 1Page - SONiX Technology Company SN6A296 Datasheet HTML 2Page - SONiX Technology Company SN6A296 Datasheet HTML 3Page - SONiX Technology Company SN6A296 Datasheet HTML 4Page - SONiX Technology Company SN6A296 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN6A296
LCD Controller with Voice/Dual Tone Melody
ABSOLUTELY MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-20.0
70.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
ELECTRICAL CHARACTERISTIC
Item
Sym. Min. Typ. Max. Unit
Condition
Operating
Voltage
VDD
2.4
3.0
5.1
V
Standby current 1 ISBY1
-
-
1.0
uA VDD=3V,both system clk
and 32768 Hz clk are off
Standby current 2 ISBY2
-
20
50
uA VDD=3V, system clk is off,
32768 Hz clk is on for LCD
display and timer.
Operating
current
IOPR
-
350
500
uA VDD=3V, no load
Input current
of ,P2,P3
IIH
-
3.0
10.0
uA VDD=3V,VIN=3V
Drive current
of P2,P3,P4,P5
IOD
-1.5
-2
-
mA VDD=3V,VO=2.6V
large Sink current
of P2,P3,P4,P5
IOS1
2.0
3
-
mA VDD=3V,VO=0.4V
Small Sink current
of P2,P3,P4,P5
IOS2
-
0.4
-
uA VDD=3V,VO=0.4V
D/A output current IVO
2.0
3.0
4.0
mA VDD=3V,VO=0.7V
Buzzer drive
current
IBZD
-15
mA VDD=3V,VO=1.5V
Buzzer sink
current
IBZS
15
mA VDD=3V,VO=1.5V
Oscillation resistor
R
-
1.0
-
MHZ VDD=3V
Oscillation Freq. FOSC
-
1.0
-
MHZ VDD=3V
Version: 1.01
September 26, 2002
3


Similar Part No. - SN6A296

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
More results

Similar Description - SN6A296

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A514 SONIX-SN6A514 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512B SONIX-SN6A512B Datasheet
360Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN6A060 SONIX-SN6A060 Datasheet
123Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com