![]() |
Electronic Components Datasheet Search |
|
MCR102 Datasheet(PDF) 3 Page - Motorola, Inc |
|
MCR102 Datasheet(HTML) 3 Page - Motorola, Inc |
3 / 4 page ![]() MCR102 MCR103 3 Motorola Thyristor Device Data PACKAGE DIMENSIONS CASE 29-04 (TO–226AA) STYLE 10: PIN 1. CATHODE 2. GATE 3. ANODE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. DIMENSION F APPLIES BETWEEN P AND L. DIMENSION D AND J APPLY BETWEEN L AND K MINIMUM. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L F B K G H SECTION X–X C V D N N X X SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.022 0.41 0.55 F 0.016 0.019 0.41 0.48 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 ––– 12.70 ––– L 0.250 ––– 6.35 ––– N 0.080 0.105 2.04 2.66 P ––– 0.100 ––– 2.54 R 0.115 ––– 2.93 ––– V 0.135 ––– 3.43 ––– 1 |