Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR102 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCR102
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MCR102 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR102 MCR103
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
75
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C, RGK = 1000 Ω unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM)
TC = 25°C
TC = 85°C
IDRM, IRRM
10
100
µA
µA
Forward “On” Voltage(1)
(ITM = 1 A Peak @ TA = 25°C)
VTM
1.7
Volts
Gate Trigger Current (Continuous dc)(2)
TC = 25°C
(Anode Voltage = 7 Vdc, RL = 100 Ohms)
IGT
200
µA
Gate Trigger Voltage (Continuous dc)
TC = 25°C
(Anode Voltage = 7 Vdc, RL = 100 Ohms)
TC = –65°C
TC = 85°C
VGT
VGD
0.1
0.8
1.2
Volts
Holding Current
TC = 25°C
(Anode Voltage = 7 Vdc, initiating current = 20 mA)
TC = –65°C
IH
5
10
mA
1. Forward current applied for 1 ms maximum duration, duty cycle
p 1%.
2. RGK current is not included in measurement.
α = CONDUCTION ANGLE
60
°
120
°
180
°
0.4
10
30
50
70
0
0.1
0.3
0.2
90
0.5
α = 30°
90
°
CASE MEASUREMENT
POINT – CENTER OF
FLAT PORTION
α
FIGURE 1 – CURRENT DERATING
(REFERENCE: CASE TEMPERATURE)
α = CONDUCTION
ANGLE
dc
IF(AV), AVERAGE FORWARD CURRENT (AMP)
30
0.4
0.3
0.2
0.1
90
70
50
10
0
dc
FIGURE 2 – CURRENT DERATING
(REFERENCE: AMBIENT TEMPERATURE)
120
°
90
°
60
°
α = 30°
IF(AV), AVERAGE FORWARD CURRENT (AMP)
180
°
α
TYPICAL PRINTED
CIRCUIT BOARD
MOUNTING


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12DCMSilicon Controlled Rectifiers 1 2 3 4 5 MoreMotorola, Inc
MCR12DSilicon Controlled Rectifiers 1 2 3 4 5 MoreON Semiconductor
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn