Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR102 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCR102
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR102 Datasheet(HTML) 1 Page - Motorola, Inc

  MCR102 Datasheet HTML 1Page - Motorola, Inc MCR102 Datasheet HTML 2Page - Motorola, Inc MCR102 Datasheet HTML 3Page - Motorola, Inc MCR102 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
Annular PNPN devices designed for low cost, high volume consumer applications
such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors,
and sensing and detection circuits. Supplied in an inexpensive plastic TO-226AA
package which is readily adaptable for use in automatic insertion equipment.
• Sensitive Gate Trigger Current — 200 µA Maximum
• Low Reverse and Forward Blocking Current — 100 µA Maximum, TC = 85°C
• Low Holding Current — 5 mA Maximum
• Passivated Surface for Reliability and Uniformity
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(2)
(TC = + 85°C, RGK = 1 kΩ)
MCR102
MCR103
VDRM
VRRM
30
60
Volts
Forward Current RMS (See Figures 1 & 2)
(All Conduction Angles)
IT(RMS)
0.8
Amps
Peak Forward Surge Current, TA = 25°C
(1/2 Cycle, Sine Wave, 60 Hz)
ITSM
10
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
0.415
A2s
Peak Gate Power — Forward, TA = 25°C
PGM
0.1
Watt
Average Gate Power — Forward, TA = 25°C
PGF(AV)
0.01
Watt
Peak Gate Current — Forward, TA = 25°C
(300
µs, 120 PPS)
IGFM
1
Amp
Peak Gate Voltage — Reverse
VGRM
4
Volts
Operating Junction Temperature Range @ Rated VRRM and VDRM
TJ
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Lead Solder Temperature
(
t 1/16I from case, 10 s max)
+ 230
°C
1. Temperature reference point for all case temperature is center of flat portion of package. (TC = +85°C unless otherwise noted.)
2. VDRM and VRRM for all types can be applied on a continuous dc basis without incurring damage. Ratings apply for zero or negative gate
voltage but positive gate voltage shall not be applied concurrently with a negative potential on the anode. When checking forward or reverse
blocking capability, thyristor devices should not be tested with a constant current source in a manner that the voltage applied exceeds the
rated blocking voltage.
Order this document
by MCR102/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
A
MCR102
MCR103
SCRs
0.8 AMPERES RMS
30 and 60 VOLTS
CASE 29-04
(TO-226AA)
STYLE 10
K
G
A
K
G


Similar Part No. - MCR102

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR102 DIGITRON-MCR102 Datasheet
136Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR102 NJSEMI-MCR102 Datasheet
90Kb / 2P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com