Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RS1AF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RS1AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RS1AF Datasheet HTML 1Page - Pan Jit International Inc. RS1AF Datasheet HTML 2Page - Pan Jit International Inc. RS1AF Datasheet HTML 3Page - Pan Jit International Inc. RS1AF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 12,2012-REV.00
RS1AF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Fast Recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability Classification
94V-O
• Glass Passivated Junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Approx. Weight:0.0011 ounces, 0.0328 grams
SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE
50-600 Volts
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
P AR AME T E R
S YMB O L
R S 1 AF R S 1 B F R S 1 D F R S 1 GF
R S 1 J F
U N IT S
Re c urr e nt P e a k Re ve rs e V o l ta g e
V
RRM
5 0
1 0 0
2 0 0
4 0 0
6 0 0
V
RM S Vo lta g e
V
RM S
3 5
7 0
1 4 0
2 8 0
4 2 0
V
D C B lo c k i ng Vo l ta g e
V
R
5 0
1 0 0
2 0 0
4 0 0
6 0 0
V
A ve r a g e F o r wa r d C urr e nt
I
F( AV )
1
A
P e a k F o r wa r d S urg e C ur r e nt : 8 .3 ms s i ng le ha l f s i ne -wa ve
s up e r i m p o s e d o n r a t e d lo a d ( J E D E C m e tho d )
I
F SM
30
A
F o r wa rd V o l ta g e a t 1 .0 A
V
F
1 .3
V
D C Re ve r s e C ur r e nt a t Ra te d
D C B lo c k i ng Vo l ta g e
T
J = 2 5
OC
I
R
1
 A
Typ i c a l J uncti o n c a p a c i ta nc e
V R=4 V,f= 1 M HZ
C
J
1 5
7
p F
Typ i c a l The r ma l Re s i s ta nc e ,J unc ti o n to L e a d ( No te 1 )
J unc ti o n to A mb i e nt (No te 2 )
R
 J L
R
 J A
3 1
1 5 0
OC / W
Re ve rs e Re c o ve r y Ti m e (I
F = 0 . 5 A , IR= 1 . 0 A , Irr = 0 . 2 5 A )
T
rr
1 5 0
2 5 0
ns
O p e r a ti ng J unc ti o n Te mp e r a ture a nd S to r a g e Te mp e ra tur e Ra ng e
T
J , TS TG
- 5 5 to + 1 5 0
OC
NOT ES :
1. Mounted on an FR4 PCB, single-sided copper, with 48cm 2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.


Similar Part No. - RS1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1AF ETC2-RS1AF Datasheet
529Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
RS1AF ZSELEC-RS1AF Datasheet
151Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
First Silicon Co., Ltd
RS1AF FS-RS1AF Datasheet
396Kb / 2P
   1A GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
RS1AF YENYO-RS1AF Datasheet
278Kb / 2P
   1.0A Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
RS1AF GXELECTRONICS-RS1AF Datasheet
438Kb / 2P
   Surface Mount Fast Recovery Rectifier
More results

Similar Description - RS1AF

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com