Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBD20150VCT_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CBD20150VCT_00001
Description  LOW VF SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CBD20150VCT_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CBD20150VCT_00001 Datasheet HTML 1Page - Pan Jit International Inc. CBD20150VCT_00001 Datasheet HTML 2Page - Pan Jit International Inc. CBD20150VCT_00001 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
April 10,2012-REV.01
CBD20150VCT
LOW VF SCHOTTKY RECTIFIER
VOLTAGE
150 Volts
20 Amperes
FEATURES
• Low forward voltage drop, low power losses
• High efficiency operation
• Lead free in comply with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : TO-220AB, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.0655 ounces, 1.859 grams.
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1. Mounted on infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum rms voltage
VRMS
105
V
Maximum dc blocking voltage
VR
150
V
Maximum average forward rectified current
per device
per diode
I F(AV)
20
10
A
Peak forward surge current : 8.3ms single half
sine-wave superimposed on rated load
per diode
I FSM
200
A
Typical thermal resistance
( Not e 1)
RΘJC
2.5
O C/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=1mA
150
-
-
V
Instantaneous forward voltage per
diode
VF
I F=3A
I F=5A
I F=10A
TJ=25oC
-
-
-
0.61
0.68
0.76
-
-
0.81
V
I F=3A
I F=5A
I F=10A
TJ=125oC
-
-
-
0.50
0.56
0.64
-
-
-
V
Reverse current per diode
I R
VR=120V
-
6.82
-
μA
VR=150V
TJ=25oC
TJ=125oC
-
-
-
16
100
-
μA
mA
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN.
0.058(1.47)
0.042(1.07)
0.038(0.96)
0.019(0.50)
0.100(2.54)
0.100(2.54)
0.196(5.00)
0.163(4.16)
0.054(1.39)
0.045(1.15)
0.115(2.92)
0.080(2.03)
0.025(0.65)MAX.


Similar Part No. - CBD20150VCT_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT_00001 PANJIT-CBD20150VFCT_00001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT_10001 PANJIT-CBD20150VFCT_10001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT_T0_00001 PANJIT-CBD20150VFCT_T0_00001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT_T0_10001 PANJIT-CBD20150VFCT_T0_10001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - CBD20150VCT_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com