Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN68D04 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN68D04
Description  Speech Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN68D04 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN68D04 Datasheet HTML 1Page - SONiX Technology Company SN68D04 Datasheet HTML 2Page - SONiX Technology Company SN68D04 Datasheet HTML 3Page - SONiX Technology Company SN68D04 Datasheet HTML 4Page - SONiX Technology Company SN68D04 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN68d04
Speech Controller
December 20, 2000
3
ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-20.0
70.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
ELECTRICAL CHARACTERISTICS
Item
Sym. Min. Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.1
V
Standby Current
ISBY
--
2.0
uAVDD=3V, no load
Operating Current
IOPR
-
250
-
uAVDD=3V, no load
Input Current of P2
Ii
-
3
-
uA VDD=3V
Drive Current of P2
IOD
1.5
2
-
mAVDD=3V,VO=2.4V
Sink Current of P2
IOS
2.0
3
-
mAVDD=3V,VO=0.4V
Drive current of Buo1
IBU1D 100
120
-
mA VDD=3V,Buo1=1.5V
Sink Current of Buo1
I BU1S 100
120
-
mA VDD=3V,Buo1=1.5V
Drive Current of Buo2
I BU2D 100
120
-
mA VDD=3V,Buo2=1.5V
Sink Current of Buo2
I BU2S 100
120
-
mA VDD=3V,Buo2=1.5V
Oscillation Freq.*
FOSC
-2.0
-
MHz VDD=3V
*: Instruction Based clock: 2.0MHz
÷2=1.0MHz


Similar Part No. - SN68D04

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN68004 SONIX-SN68004 Datasheet
111Kb / 5P
   Speech Controller
SN68006 SONIX-SN68006 Datasheet
103Kb / 5P
   Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
   Speech Controller
SN68012 SONIX-SN68012 Datasheet
104Kb / 5P
   Speech Controller
SN68016 SONIX-SN68016 Datasheet
103Kb / 5P
   Speech Controller
More results

Similar Description - SN68D04

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67013 SONIX-SN67013 Datasheet
102Kb / 4P
   Speech Controller
SN67025 SONIX-SN67025 Datasheet
103Kb / 4P
   Speech Controller
SN67061 SONIX-SN67061 Datasheet
102Kb / 4P
   Speech Controller
SN68340 SONIX-SN68340 Datasheet
104Kb / 5P
   Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
   Speech Controller
SN67007 SONIX-SN67007 Datasheet
101Kb / 5P
   Speech Controller
SN67040 SONIX-SN67040 Datasheet
103Kb / 5P
   Speech Controller
SN67120 SONIX-SN67120 Datasheet
103Kb / 5P
   Speech Controller
SN68020 SONIX-SN68020 Datasheet
104Kb / 5P
   Speech Controller
SN68030 SONIX-SN68030 Datasheet
104Kb / 5P
   Speech Controller
SN68060 SONIX-SN68060 Datasheet
103Kb / 5P
   Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com